Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS100BR111A Datasheet(PDF) 11 Page - Texas Instruments

Part # DS100BR111A
Description  Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100BR111A Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS100BR111A_15 Datasheet HTML 7Page - Texas Instruments DS100BR111A_15 Datasheet HTML 8Page - Texas Instruments DS100BR111A_15 Datasheet HTML 9Page - Texas Instruments DS100BR111A_15 Datasheet HTML 10Page - Texas Instruments DS100BR111A_15 Datasheet HTML 11Page - Texas Instruments DS100BR111A_15 Datasheet HTML 12Page - Texas Instruments DS100BR111A_15 Datasheet HTML 13Page - Texas Instruments DS100BR111A_15 Datasheet HTML 14Page - Texas Instruments DS100BR111A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
0
1
2
3
4
5
6
500
600
700
800
900
1000
1100
1200
VOD SETTING
700
800
900
1000 1100 1200 1300
0
10
20
30
40
50
60
70
80
90
100
Output Voltage (mVpp)
3.3V Mode
2.5V Mode
2.0
2.2
2.4
2.6
2.8
3.0
40
44
48
52
56
60
Supply Voltage (V)
2.5V Mode
DS100BR111A
www.ti.com
SNLS400D – JANUARY 2012 – REVISED JANUARY 2015
7.8 Typical Characteristics
The following data was collected at 25°C.
VOD = 575 mVpp
Figure 5. Supply Current vs. Output Voltage Setting
Figure 6. Supply Current vs. Supply Voltage
Figure 7. Output Voltage vs. Output Voltage Setting
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS100BR111A


Similar Part No. - DS100BR111A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results

Similar Description - DS100BR111A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111 Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111_13 Datasheet
999Kb / 39P
[Old version datasheet]   DS64BR111 Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com