Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5660ARJ-3 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5660ARJ-3
Description  3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660ARJ-3 Datasheet(HTML) 1 Page - Analog Devices

  AD5660ARJ-3 Datasheet HTML 1Page - Analog Devices AD5660ARJ-3 Datasheet HTML 2Page - Analog Devices AD5660ARJ-3 Datasheet HTML 3Page - Analog Devices AD5660ARJ-3 Datasheet HTML 4Page - Analog Devices AD5660ARJ-3 Datasheet HTML 5Page - Analog Devices AD5660ARJ-3 Datasheet HTML 6Page - Analog Devices AD5660ARJ-3 Datasheet HTML 7Page - Analog Devices AD5660ARJ-3 Datasheet HTML 8Page - Analog Devices AD5660ARJ-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3 V/5 V, 16-Bit nanoDACTM D/A with
10 ppm/°C Max On-Chip Reference in SOT-23
Preliminary Technical Data
AD5660
Rev. Pr J
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Low power single 16-bit nanoDAC
12-bit accuracy guaranteed
On-chip 1.25/2.5 V, 10 ppm/°c reference
Tiny 8-lead SOT-23/MSOP package
Power-down to 200 nA @ 5 V, 50 nA @ 3 V
3 V/5 V single power supply
Guaranteed 16-bit monotonic by design
Power-on-reset to zero/midscale
Three power-down functions
Serial interface with Schmitt-triggered inputs
Rail-to-rail operation
SYNC interrupt facility
APPLICATIONS
Processcontrol
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
Figure 1.
GENERAL DESCRIPTION
The AD5660 parts are a member of the nanoDAC family of
devices. They are low power, single, 16-bit buffered voltage-out
DACs, guaranteed monotonic by design.
The AD5660x-1 operate from a 3 V single supply featuring an
internal reference of 1.25 V and an internal gain of 2. The
AD5660x-2/3 operate from a 5 V single supply featuring an
internal reference of 2.5 V and an internal gain of 2. Each
reference has a 10 ppm/°C max temperature coefficient. The
reference associated with each part is available at the REFOUT
pin.
The part incorporates a power-on reset circuit that ensures that
the DAC output powers up to 0 V (AD5660x-1/2) or midscale
(AD5660x-3) and remains there until a valid write takes place.
The part contains a power-down feature that reduces the current
consumption of the device to 200 nA at 5 V and provides
software selectable output loads while in power-down mode.
The AD5660 uses a versatile three-wire serial interface that
operates at clock rates up to 30 MHz and is compatible with
standard SPI™, QSPI™, MICROWIRE™ and DSP interface
standards. Its on-chip precision output amplifier allows rail-to-
rail output swing to be achieved.
The low power consumption of this part in normal operation
makes it ideally suited to portable battery operated equipment.
The power consumption is 0.7 mW at 5 V reducing to 1 µW in
power-down mode.
The AD5660 is designed with new technology and is the next
generation to the AD53xx family.
PRODUCT HIGHLIGHTS
1.
16-Bit DAC; 12-Bit Accuracy Guaranteed.
2.
On-chip 1.25/2.5 V, 10 ppm/°C max Reference.
3.
Available in 8-lead SOT-23 and 8-lead MSOP package.
4.
Power-On Reset to 0 V or Midscale.
5.
Power-down capability. When powered down, the DAC
typically consumes 50 nA at 3 V and 200n A at 5 V.
6.
10 µS Settling Time.
RELATED DEVICES
Part No.
Description
AD5620/AD5640
3 V/5 V 12-/14-bit DAC with internal ref in
SOT-23
AD5662
2.7V to 5.5 V, 16-bit DAC in SOT-23,
external reference


Similar Part No. - AD5660ARJ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5660ARJ-3500RL7 AD-AD5660ARJ-3500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5660ARJ-3REEL7 AD-AD5660ARJ-3REEL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
More results

Similar Description - AD5660ARJ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com