Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7266ACP Datasheet(PDF) 6 Page - Analog Devices

Part # AD7266ACP
Description  Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7266ACP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7266ACP Datasheet HTML 2Page - Analog Devices AD7266ACP Datasheet HTML 3Page - Analog Devices AD7266ACP Datasheet HTML 4Page - Analog Devices AD7266ACP Datasheet HTML 5Page - Analog Devices AD7266ACP Datasheet HTML 6Page - Analog Devices AD7266ACP Datasheet HTML 7Page - Analog Devices AD7266ACP Datasheet HTML 8Page - Analog Devices AD7266ACP Datasheet HTML 9Page - Analog Devices AD7266ACP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD7266
Preliminary Technical Data
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
AD7266
TOP VIEW
(Not to Scale)
1
DGND
2
REF SELECT
3
AVDD
4
DCAPA
5
AGND
6
AGND
7
VA1
8
VA2
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
A1
23
A2
22
SGL/DIFF
21
RANGE
20
DCAPB
19
AGND
18
VB1
17
VB2
Figure 2. AD7266 Pin Configuration
Table 4. AD7266 Pin Function Descriptions
Pin No.
Mnemonic
Description
4, 20
DCAPA,
DCAPB
Decoupling capacitors (470nF recommended) are connected to these pins to decouple the reference buffer for
each respective ADC. The on-chip reference can be taken from these pins and applied externally to the rest of a
system. The range of the external reference is dependent on the analog input range selected. See the Reference
Configuration Options section.
7–12
VA1–VA6
Analog Inputs of ADC A. These may be programmed as six single-ended channels or three true differential analog
input channel pairs. See Table 6.
18–13
VB1–VB6
Analog Inputs of ADC B. These may be programmed as six single-ended channels or three true differential analog
input channel pairs. See Table 6.
27
SCLK
Serial Clock. Logic Input. A serial clock input provides the SCLK for accessing the data from the AD7266. This clock
is also used as the clock source for the conversion process.
5, 6, 19
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7266. All analog input signals and any
external reference signal should be referred to this AGND voltage. All three of these AGND pins should connect to
the AGND plane of a system. The AGND and DGND voltages ideally should be at the same potential and must not
be more than 0.3 V apart, even on a transient basis.
32
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for all digital circuitry on the AD7266. The DVDD
and AVDD voltages should ideally be at the same potential and must not be more than 0.3 V apart even on a
transient basis. This supply should be decoupled to DGND.
31
VDRIVE
Logic power supply input. The voltage supplied at this pin determines at what voltage the interface will operate.
This pin should be decoupled to DGND. The voltage at this pin may be different to that at AVDD and DVDD but
should never exceed either by more than 0.3 V.
1, 29
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7266. Both DGND pins should
connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis.
3
AVDD
Analog Supply Voltage, 2.7 V to 5.25 V. This is the only supply voltage for all analog circuitry on the AD7266. The
AVDD and DVDD voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a
transient basis. This supply should be decoupled to AGND.
26
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7266
and frames the serial data transfer.
30, 28
DOUTA,
DOUTB
Serial Data Outputs. The data output is supplied to this pin as a serial data stream. The bits are clocked out on the
falling edge of the SCLK input and 14 SCLKs are required to access the data. The data appears on both pins
simultaneously from the simultaneous conversions of both ADCs. The data stream consists of two leading zeros
followed by the 12 bits of conversion data. The data is provided MSB first. If CS is held low for 16 SCLK cycles
rather than 14, then two trailing zeros will appear after the 12 bits of data. If CS is held low for a further 16 SCLK
cycles after this on either DOUTA or DOUTB, the data from the other ADC follows on the DOUT pin. This allows data
from a simultaneous conversion on both ADCs to be gathered in serial format on either DOUTA or DOUTB alone
using only one serial port. See the Serial Interface section.
Rev. PrG | Page 6 of 17


Similar Part No. - AD7266ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
170Kb / 7P
   Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
REV. 0
AD7266 AD-AD7266 Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
AD7266 AD-AD7266 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7266 AD-AD7266 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
AD7266BCPZ AD-AD7266BCPZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
More results

Similar Description - AD7266ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com