Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS125BR401A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR401A
Description  Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR401A Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS125BR401A Datasheet HTML 6Page - Texas Instruments DS125BR401A Datasheet HTML 7Page - Texas Instruments DS125BR401A Datasheet HTML 8Page - Texas Instruments DS125BR401A Datasheet HTML 9Page - Texas Instruments DS125BR401A Datasheet HTML 10Page - Texas Instruments DS125BR401A Datasheet HTML 11Page - Texas Instruments DS125BR401A Datasheet HTML 12Page - Texas Instruments DS125BR401A Datasheet HTML 13Page - Texas Instruments DS125BR401A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
IN
0V
tPLHD
OUT
0V
tPHLD
+
-
+
-
0V
20%
80%
20%
80%
tFALL
tRISE
VOD = [Out+ - Out-]
DS125BR401A
SNLS466A – SEPTEMBER 2013 – REVISED MARCH 2014
www.ti.com
6.6 Electrical Characteristics — Serial Management Bus Interface
Over recommended operating supply and temperature ranges unless other specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIAL BUS INTERFACE DC SPECIFICATIONS
VIL
Data, Clock Input Low Voltage
0.8
V
VIH
Data, Clock Input High Voltage
2.1
3.6
V
VOL
Output Low Voltage
SDA or SCL, IOL = 1.25 mA
0
0.36
V
VDD
Nominal Bus Voltage
2.375
3.6
V
IIH-Terminal
Input Leakage Per Device Terminal
+20
+150
µA
IIL-Terminal
Input Leakage Per Device Terminal
-160
-40
µA
CI
Capacitance for SDA and SCL
See(1)(2)
< 5
pF
RTERM
External Termination Resistance
Pullup VDD = 3.3V
(1) (2) (3)
2000
pull to VDD = 2.5V ± 5% OR 3.3V ±
Pullup VDD = 2.5V
(1) (2) (3)
1000
10%
(1)
Recommended value.
(2)
Recommended maximum capacitance load per bus segment is 400pF.
(3)
Maximum termination voltage should be identical to the device supply voltage.
6.7 Timing Requirements Serial Bus Interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SERIAL BUS INTERFACE TIMING SPECIFICATIONS
FSMB
Bus Operating Frequency
ENSMB = VDD (Slave Mode)
400
kHz
ENSMB = FLOAT (Master Mode)
280
400
520
kHz
tFALL
SDA Fall Time
Read operation
60
ns
RPU = 4.7K, Cb < 50pF
tRISE
SDA Rise Time
Read operation
140
ns
RPU = 4.7K, Cb < 50pF
tF
Clock/Data Fall Time
See(1)
300
ns
tR
Clock/Data Rise Time
See(1)
1000
ns
(1)
Compliant to SMBus 2.0 physical layer specification. See System Management Bus (SMBus) Specification Version 2.0, section 3.1.1
SMBus common AC specifications for details.
Figure 1. Output and Rise And Fall Transition Time
Figure 2. Propagation Delay Timing Diagram
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: DS125BR401A


Similar Part No. - DS125BR401A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ/NOPB TI1-DS125BR401SQ/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQE TI-DS125BR401SQE Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
More results

Similar Description - DS125BR401A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com