Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS125BR820NJYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR820NJYR
Description  Low-Power 12.5 Gbps 8-Channel Linear Repeater
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR820NJYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS125BR820NJYR Datasheet HTML 6Page - Texas Instruments DS125BR820NJYR Datasheet HTML 7Page - Texas Instruments DS125BR820NJYR Datasheet HTML 8Page - Texas Instruments DS125BR820NJYR Datasheet HTML 9Page - Texas Instruments DS125BR820NJYR Datasheet HTML 10Page - Texas Instruments DS125BR820NJYR Datasheet HTML 11Page - Texas Instruments DS125BR820NJYR Datasheet HTML 12Page - Texas Instruments DS125BR820NJYR Datasheet HTML 13Page - Texas Instruments DS125BR820NJYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
DS125BR820
SNLS491B – JULY 2014 – REVISED FEBRUARY 2015
www.ti.com
Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Evaluation Module (EVM) Only,
FR4,
VID = 800 mVp-p, EQ = Level 1
RJADD
Additive Random Jitter
0.36
ps rms
PRBS15, 12 Gbps
VOD = Level 6
All other channels active (4)
EQUALIZATION
5” Differential Stripline, 5mil trace
width, FR4,
DJE1
Residual deterministic jitter at 6 Gbps
VID = 800 mVp-p,
0.06
UIp-p
PRBS15, EQ = Level 2,
VOD = Level 6
5” Differential Stripline, 5mil trace
width, FR4,
Residual deterministic jitter at 12
DJE2
VID = 800 mVp-p,
0.12
UIp-p
Gbps
PRBS15, EQ = Level 2,
VOD = Level 6
(4)
Additive random jitter is given in RMS value by the following equation: RJADD = √[(Output Jitter)
2 - (Input Jitter)2]. Typical input jitter for
these measurements is 150 fs rms.
6.6 Electrical Characteristics — Serial Bus Interface DC Specifications
Over recommended operating supply and temperature ranges unless other specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Data, Clock Input Low Voltage
0.8
V
VIH
Data, Clock Input High Voltage
2.1
3.6
V
VOL
Output Low Voltage
SDA or SCL, IOL = 1.25 mA
0
0.36
V
VDD
Nominal Bus Voltage
2.375
3.6
V
IIH-Pin
Input Leakage Per Device Pin
+20
+150
µA
IIL-Pin
Input Leakage Per Device Pin
-160
-40
µA
CI
Capacitance for SDA and SCL
See(1)(2)
< 5
pF
External Termination Resistance
Pullup VDD = 3.3 V
(1) (2) (3)
2000
RTERM
pull to VDD = 2.5 V ± 5% OR 3.3 V
Pullup VDD = 2.5 V
(1) (2) (3)
1000
± 10%
(1)
Recommended value.
(2)
Recommended maximum capacitance load per bus segment is 400 pF.
(3)
Maximum termination voltage should be identical to the device supply voltage.
6.7 Serial Bus Interface Timing Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENSMB = VDD (Slave Mode)
400
kHz
FSMB
Bus Operating Frequency
ENSMB = FLOAT (Master Mode)
280
400
520
kHz
Read operation
tFALL
SCL or SDA Fall Time
60
ns
RPU = 4.7 k
Ω, Cb < 50 pF
Read operation
tRISE
SCL or SDA Rise Time
140
ns
RPU = 4.7 k
Ω, Cb < 50 pF
tF
Clock/Data Fall Time
See(1)
300
ns
tR
Clock/Data Rise Time
See(1)
1000
ns
Time in which a device must be
tPOR
See(1)
500
ms
operational after power-on reset
(1)
Compliant to SMBus 2.0 physical layer specification. See System Management Bus (SMBus) Specification Version 2.0, section 3.1.1
SMBus common AC specifications for details.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated


Similar Part No. - DS125BR820NJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
   SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
logo
Texas Instruments
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR820NJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI810 TI1-DS80PCI810 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power 8 Gbps 8-Channel Linear Repeater
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
logo
Texas Instruments
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com