Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP110VFG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP110VFG4
Description  Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP110VFG4 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVP110VFG4 Datasheet HTML 1Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 2Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 3Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 4Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 5Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 6Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 7Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 8Page - Texas Instruments CDCLVP110VFG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CDCLVP110
SCAS683D – JUNE 2002 – REVISED JANUARY 2011
www.ti.com
LVECL DC ELECTRICAL CHARACTERISTICS (continued)
Vsupply: VCC = 0 V, VEE = -2.375 V to -3.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–40°C
–1.85
–1.5
VOL
Low-level output voltage
IOL = –5 mA
25°C
–1.85
–1.45
V
85°C
–1.85
–1.4
Terminated with 50
Ω to VCC – 2 V, See
VOD
Differential output voltage swing
–40°C, 25°C, 85°C
600
V
Figure 3
LVPECL/HSTL DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 2.375 V to 3.8 V, VEE= 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–40°C
40
78
IEE
Supply internal current
Absolute value of current
25°C
45
82
mA
85C
48
85
–40°C
343
Output and internal supply
ICC
All outputs terminated 50
Ω to VCC – 2 V
25°C
370
mA
current
85°C
380
IIN
Input current
–40°C, 25°C, 85°C
150
µA
VEE = –3 to –3.8 V, IBB= –0.2 mA
–40°C, 25°C, 85°C
VCC – 1.45
VCC – 1.3
VCC – 1.15
Internally generated bias
VBB
V
voltage
VEE = –2.375 to –2.75 V, IBB = -0.2 mA
–40°C, 25°C, 85°C
VCC– 1.4
VCC – 1.25
VCC – 1.1
High-level input voltage
VIH
–40°C, 25°C, 85°C
VCC - 1.165
VCC – 0.88
V
(CLK_SEL)
Low-level input voltage
VIL
–40°C, 25°C, 85°C
VCC - 1.81
VCC – 1.475
V
(CLK_SEL)
Input amplitude (CLK0,
VINPP
Difference of input 9 VIH–VIL, see Note
(1)
–40°C, 25°C, 85°C
0.5
1.3
V
CLK0)
Common-mode
VIC
Cross point of input 9 average (VIH, VIL)
–40°C, 25°C, 85°C
0.975
VCC – 0.3
V
voltage (CLK0, CLK0)
Differential input
VID
Difference of input VIH–VIL, See Note
(1)
–40°C, 25°C, 85°C
0.4
1.9
V
voltage (CLK1, CLK1)
Input crossover
VI(x)
Cross point of input 9 average (VIH, VIL)
–40°C, 25°C, 85°C
0.68
0.9
V
voltage (CLK1, CLK1)
–40°C
VCC – 1.26
VCC – 0.9
High-level output
VOH
IOH = –21 mA
25°C
VCC – 1.2
VCC – 0.9
V
voltage
85°C
VCC - 1.15
VCC - 0.9
-40°C
VCC - 1.85
VCC - 1.5
Low-level output
VOL
IOL = –5 mA
25°C
VCC - 1.85
VCC - 1.45
V
voltage
85°C
VCC - 1.85
VCC - 1.4
Differential output
Terminated with 50
Ω to VCC – 2 V, See
VOD
-40°C, 25°C, 85°C
600
mV
voltage swing
Figure 4
(1)
VINPP minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VINPP of 100 mV.
4
Submit Documentation Feedback
Copyright © 2002–2011, Texas Instruments Incorporated
Product Folder Link(s) :CDCLVP110


Similar Part No. - CDCLVP110VFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110VF TI-CDCLVP110VF Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110VFR TI-CDCLVP110VFR Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
More results

Similar Description - CDCLVP110VFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com