Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF310PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF310PW
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF310PW Datasheet(HTML) 5 Page - Texas Instruments

  CDCVF310PW Datasheet HTML 1Page - Texas Instruments CDCVF310PW Datasheet HTML 2Page - Texas Instruments CDCVF310PW Datasheet HTML 3Page - Texas Instruments CDCVF310PW Datasheet HTML 4Page - Texas Instruments CDCVF310PW Datasheet HTML 5Page - Texas Instruments CDCVF310PW Datasheet HTML 6Page - Texas Instruments CDCVF310PW Datasheet HTML 7Page - Texas Instruments CDCVF310PW Datasheet HTML 8Page - Texas Instruments CDCVF310PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(1)
TIMING REQUIREMENTS
CDCVF310
SCAS771B – AUGUST 2004 – REVISED JANUARY 2008
over operating free-air temperature range (unless otherwise noted)
(1)
Supply voltage range, VDD
–0.5 V to 4.6 V
Input voltage range, VI
(2) (3)
–0.5 V to VDD + 0.5 V
Output voltage range, VO
(2) (3)
–0.5 V to VDD + 0.5 V
Input clamp current, IIK (VI < 0 or VI> VDD)
±50 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±50 mA
Continuous total output current, IO (VO = 0 to VDD)
±50 mA
88
°C/W, high K
Package thermal impedance,
θ
JA
(4): PW package
120
°C/W, low K
Storage temperature range Tstg
–65
°C to 150°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51.
MIN
NOM
MAX
UNIT
2.3
2.5
Supply voltage, VDD
V
3.3
3.6
VDD = 3 V to 3.6 V
0.8
Low-level input voltage, VIL
V
VDD = 2.3 V to 2.7 V
0.7
VDD = 3 V to 3.6 V
2
High-level input voltage, VIH
V
VDD = 2.3 V to 2.7 V
1.7
Input voltage, VI
0
VDD
V
VDD = 3 V to 3.6 V
–12
High-level output current, IOH
mA
VDD = 2.3 V to 2.7 V
–6
VDD = 3 V to 3.6 V
12
Low-level output current, IOL
mA
VDD = 2.3 V to 2.7 V
6
Operating free-air temperature, TA
–40
85
°C
(1)
Unused inputs must be held high or low to prevent them from floating.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk
Clock frequency
VDD = 2.3 V to 3.6 V, See Figure 7
0
200
MHz
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCVF310


Similar Part No. - CDCVF310PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF310PW TI-CDCVF310PW Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310PWR TI-CDCVF310PWR Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310PWRG4 TI-CDCVF310PWRG4 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results

Similar Description - CDCVF310PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
   2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com