Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2310-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2310-EP
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2310-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCVF2310-EP Datasheet HTML 5Page - Texas Instruments CDCVF2310-EP Datasheet HTML 6Page - Texas Instruments CDCVF2310-EP Datasheet HTML 7Page - Texas Instruments CDCVF2310-EP Datasheet HTML 8Page - Texas Instruments CDCVF2310-EP Datasheet HTML 9Page - Texas Instruments CDCVF2310-EP Datasheet HTML 10Page - Texas Instruments CDCVF2310-EP Datasheet HTML 11Page - Texas Instruments CDCVF2310-EP Datasheet HTML 12Page - Texas Instruments CDCVF2310-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
f – Frequency – MHz
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80
100
120
140
160
180
200
SUPPLY CURRENT
vs
FREQUENCY
VDD = 3.6 V
TA = –40°C
VDD = 2.3 V to 3.6 V
CL(Yn) = 25 pF || 500 Ω
All Outputs Switching
TA = –40°C to 85°C
VDD = 3.6 V
TA = 85°C
VDD = 2.3 V
TA = –40°C
VDD = 2.3 V
TA = 85°C
CDCVF2310-EP
www.ti.com
SCAS934 – DECEMBER 2012
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CDCVF2310-EP


Similar Part No. - CDCVF2310-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI-CDCVF2310 Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PW TI1-CDCVF2310PW Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
More results

Similar Description - CDCVF2310-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
   2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com