Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CBR9 Datasheet(PDF) 9 Page - Texas Instruments

Part # COP8CBR9
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CBR9 Datasheet(HTML) 9 Page - Texas Instruments

Back Button COP8CBR9 Datasheet HTML 5Page - Texas Instruments COP8CBR9 Datasheet HTML 6Page - Texas Instruments COP8CBR9 Datasheet HTML 7Page - Texas Instruments COP8CBR9 Datasheet HTML 8Page - Texas Instruments COP8CBR9 Datasheet HTML 9Page - Texas Instruments COP8CBR9 Datasheet HTML 10Page - Texas Instruments COP8CBR9 Datasheet HTML 11Page - Texas Instruments COP8CBR9 Datasheet HTML 12Page - Texas Instruments COP8CBR9 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Code efficiency is important because it enables designers to pack more on-chip functionality into less
program memory space (ROM, OTP or Flash). Selecting a microcontroller with less program memory size
translates into lower system costs, and the added security of knowing that more code can be packed into
the available program memory space.
2.3.6.1
Key Instruction Set Features
The COP8 family incorporates a unique combination of instruction set features, which provide designers
with optimum code efficiency and program memory utilization.
2.3.6.2
Single Byte/Single Cycle Code Execution
The efficiency is due to the fact that the majority of instructions are of the single byte variety, resulting in
minimum program space. Because compact code does not occupy a substantial amount of program
memory space, designers can integrate additional features and functionality into the microcontroller
program memory space. Also, the majority instructions executed by the device are single cycle, resulting
in minimum program execution time. In fact, 77% of the instructions are single byte single cycle, providing
greater code and I/O efficiency, and faster code execution.
2.3.6.3
Many Single-Byte, Multi-Function Instructions
The COP8 instruction set utilizes many single-byte, multifunction instructions. This enables a single
instruction to accomplish multiple functions, such as DRSZ, DCOR, JID, LD (Load) and X (Exchange)
instructions with post-incrementing and post-decrementing, to name just a few examples. In many cases,
the instruction set can simultaneously execute as many as three functions with the same single-byte
instruction.
JID: (Jump Indirect); Single byte instruction decodes external events and jumps to corresponding service
routines (analogous to “DO CASE” statements in higher level languages).
LAID: (Load Accumulator-Indirect); Single byte look up table instruction provides efficient data path from
the program memory to the CPU. This instruction can be used for table lookup and to read the entire
program memory for checksum calculations.
RETSK: (Return Skip); Single byte instruction allows return from subroutine and skips next instruction.
Decision to branch can be made in the subroutine itself, saving code.
AUTOINC/DEC: (Auto-Increment/Auto-Decrement); These instructions use the two memory pointers B
and X to efficiently process a block of data (simplifying “FOR NEXT” or other loop structures in higher
level languages).
2.3.6.4
Bit-Level Control
Bit-level control over many of the microcontroller's I/O ports provides a flexible means to ease layout
concerns and save board space. All members of the COP8 family provide the ability to set, reset and test
any individual bit in the data memory address space, including memory-mapped I/O ports and associated
registers.
2.3.6.5
Register Set
Three memory-mapped pointers handle register indirect addressing and software stack pointer functions.
The memory data pointers allow the option of post-incrementing or post- decrementing with the data
movement instructions (LOAD/EXCHANGE). And 15 memory-mapped registers allow designers to
optimize the precise implementation of certain specific instructions.
Copyright © 2000–2013, Texas Instruments Incorporated
Device Information
9
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9


Similar Part No. - COP8CBR9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9 Datasheet
2Mb / 112P
[Old version datasheet]   COP8CBR9/COP8CCR9/COP8CDR9 8-Bit CMOS Flash Microcontroller with 32k Memory
logo
National Semiconductor ...
COP8CBR9HLQ8 NSC-COP8CBR9HLQ8 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CBR9HVA8 NSC-COP8CBR9HVA8 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CBR9IMT8 NSC-COP8CBR9IMT8 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
More results

Similar Description - COP8CBR9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_15 Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
COP8CBR9 TI1-COP8CBR9_14 Datasheet
2Mb / 112P
[Old version datasheet]   COP8CBR9/COP8CCR9/COP8CDR9 8-Bit CMOS Flash Microcontroller with 32k Memory
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_08 Datasheet
540Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
ATMEL Corporation
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com