Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD16340Q3T Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16340Q3T
Description  CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16340Q3T Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD16340Q3T Datasheet HTML 2Page - Texas Instruments CSD16340Q3T Datasheet HTML 3Page - Texas Instruments CSD16340Q3T Datasheet HTML 4Page - Texas Instruments CSD16340Q3T Datasheet HTML 5Page - Texas Instruments CSD16340Q3T Datasheet HTML 6Page - Texas Instruments CSD16340Q3T Datasheet HTML 7Page - Texas Instruments CSD16340Q3T Datasheet HTML 8Page - Texas Instruments CSD16340Q3T Datasheet HTML 9Page - Texas Instruments CSD16340Q3T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
VSD − Source to Drain Voltage − V
G008
100
1
0.01
0.0001
0.001
0.1
10
TC = 125 C
°
TC = 25 C
°
TC − Case Temperature − C
°
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−75
−25
25
75
125
175
G007
ID
GS
=20A
V
=4.5V
TC − Case Temperature − C
°
0.0
0.2
0.4
0.6
0.8
1.0
1.2
−75
−25
25
75
125
175
G005
ID =250 A
m
VGS − Gate to Source Voltage − V
0
2
4
6
8
10
12
14
16
0
3
4
7
8
9
10
G006
5
6
1
2
ID = 20A
TC = 125 C
°
TC = 25 C
°
VDS − DraintoSourceVoltage − V
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
G004
CRSS
GD
=C
CISS
GD
GS
=C
+C
COSS
GD
GS
=C
+C
f=1MHz
V
=0V
GS
Qg − GateCharge − nC
0
1
4
7
0
2
4
6
8
10
12
G003
3
2
5
6
8
ID =20A
V
=12.5V
DS
CSD16340Q3
SLPS247E – DECEMBER 2009 – REVISED AUGUST 2014
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-Resistance vs Gate Voltage
Figure 8. Normalized On Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: CSD16340Q3


Similar Part No. - CSD16340Q3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16340Q3 TI-CSD16340Q3 Datasheet
241Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
More results

Similar Description - CSD16340Q3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3_16 Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI-CSD16570Q5B_15 Datasheet
920Kb / 15P
[Old version datasheet]   CSD16570Q5B 25-V N-Channel NexFET Power MOSFET
CSD16321Q5 TI-CSD16321Q5_V01 Datasheet
602Kb / 13P
[Old version datasheet]   CSD16321Q5 25-V N-Channel NexFET??Power MOSFET
MAY 2017
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com