Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17559Q5 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD17559Q5
Description  30V N-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17559Q5 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17559Q5_16 Datasheet HTML 1Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 2Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 3Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 4Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 5Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 6Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 7Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 8Page - Texas Instruments CSD17559Q5_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
0
1
2
3
4
5
6
0
2
4
6
8
10
12
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 40A
TC = 125ºC Id = 40A
G001
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
Qg - Gate Charge (nC)
ID = 40A
VDS =15V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17559Q5
SLPS374A – NOVEMBER 2012 – REVISED SEPTEMBER 2014
CSD17559Q5 30-V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Extremely Low Resistance
TA = 25°C
TYPICAL VALUE
UNIT
Ultra-Low Qg and Qgd
VDS
Drain-to-Source Voltage
30
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5 V)
39
nC
Qgd
Gate Charge Gate-to-Drain
9.3
nC
Avalanche Rated
VGS = 4.5 V
1.15
m
Pb Free Terminal Plating
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
0.95
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.4
V
Halogen Free
SON 5 mm × 6 mm Plastic Package
Ordering Information(1)
Device
Qty
Media
Package
Ship
2 Applications
CSD17559Q5
2500
13-Inch Reel
SON 5 × 6 mm
Tape and
Plastic Package
Reel
Point of Load Synchronous Buck in Networking,
CSD17559Q5T
250
13-Inch Reel
Telecom, and Computing Systems
(1) For all available packages, see the orderable addendum at
Synchronous Rectification
the end of the data sheet.
Active ORing and Hotswap Applications
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
3 Description
VDS
Drain-to-Source Voltage
30
V
This 30 V, 0.95 m
Ω, 5 × 6 mm SON NexFET™ power
VGS
Gate-to-Source Voltage
±20
V
MOSFET
is
designed
to
minimize
losses
in
Continuous Drain Current (Package limited)
100
synchronous rectification and other power conversion
A
Continuous Drain Current (Silicon limited),
applications.
ID
257
TC = 25°C
Continuous Drain Current(1)
40
A
Top View
IDM
Pulsed Drain Current(2)
400
A
Power Dissipation(1)
3.2
PD
W
Power Dissipation, TC = 25°C
96
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
541
mJ
ID = 104 A, L = 0.1m H, RG = 25 Ω
(1) Typical RθJA = 40°C/W on 1 inch
2
(6.45 cm2), 2 oz.
(0.071 mm thick) Cu pad on a 0.06 inch (1.52 mm) thick FR4
PCB.
(2) Max RθJC = 1.2°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17559Q5_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17559Q5 TI-CSD17559Q5 Datasheet
826Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17559Q5_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com