Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18532Q5BT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18532Q5BT
Description  60V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18532Q5BT Datasheet(HTML) 1 Page - Texas Instruments

  CSD18532Q5BT Datasheet HTML 1Page - Texas Instruments CSD18532Q5BT Datasheet HTML 2Page - Texas Instruments CSD18532Q5BT Datasheet HTML 3Page - Texas Instruments CSD18532Q5BT Datasheet HTML 4Page - Texas Instruments CSD18532Q5BT Datasheet HTML 5Page - Texas Instruments CSD18532Q5BT Datasheet HTML 6Page - Texas Instruments CSD18532Q5BT Datasheet HTML 7Page - Texas Instruments CSD18532Q5BT Datasheet HTML 8Page - Texas Instruments CSD18532Q5BT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 25A
TC = 125ºC Id = 25A
G001
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
Qg - Gate Charge (nC)
ID = 25A
VDS = 30V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD18532Q5B
SLPS322B – NOVEMBER 2012 – REVISED JULY 2014
CSD18532Q5B 60-V N-Channel NexFET™ Power MOSFETs
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-Source Voltage
60
V
Avalanche Rated
Qg
Gate Charge Total (10 V)
44
nC
Qgd
Gate Charge Gate-to-Drain
6.9
nC
Logic Level
VGS = 4.5 V
3.3
m
Pb Free Terminal Plating
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V
2.5
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.8
V
Halogen Free
SON 5-mm × 6-mm Plastic Package
Ordering Information(1)
Device
Qty
Media
Package
Ship
2 Applications
CSD18532Q5B
2500
13-Inch Reel
SON 5 × 6 mm
Tape and
Plastic Package
Reel
DC-DC Conversion
CSD18532Q5BT
250
13-Inch Reel
Secondary Side Synchronous Rectifier
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Isolated Converter Primary Side Switch
Motor Control
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
3 Description
VDS
Drain-to-Source Voltage
60
V
This 2.5 m
Ω, 60 V SON 5 mm × 6 mm NexFET™
VGS
Gate-to-Source Voltage
±20
V
power MOSFET is designed to minimize losses in
Continuous Drain Current (Package limited)
100
power conversion applications.
Continuous Drain Current (Silicon limited),
ID
172
A
TC = 25°C
Top View
Continuous Drain Current(1)
23
IDM
Pulsed Drain Current(2)
400
A
Power Dissipation(1)
3.2
PD
W
Power Dissipation, TC = 25°C
156
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
320
mJ
ID = 80 A, L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 40 °C/W on a 1-inch
2 , 2-oz. Cu pad on a 0.06-
inch thick FR4 PCB.
(2) Max RθJC = 0.8 °C/W, Pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD18532Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18532Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com