Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18542KCS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18542KCS
Description  60V N-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18542KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD18542KCS Datasheet HTML 1Page - Texas Instruments CSD18542KCS Datasheet HTML 2Page - Texas Instruments CSD18542KCS Datasheet HTML 3Page - Texas Instruments CSD18542KCS Datasheet HTML 4Page - Texas Instruments CSD18542KCS Datasheet HTML 5Page - Texas Instruments CSD18542KCS Datasheet HTML 6Page - Texas Instruments CSD18542KCS Datasheet HTML 7Page - Texas Instruments CSD18542KCS Datasheet HTML 8Page - Texas Instruments CSD18542KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CSD18542KCS
www.ti.com
SLPS557 – JUNE 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.2
V
VGS = 4.5 V, ID = 100 A
4.0
5.1
m
RDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 100 A
3.3
4.0
m
gfs
Transconductance
VDS = 30 V, ID = 100 A
198
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
3900
5070
pF
Coss
Output capacitance
VGS = 0 V, VDS = 30 V, ƒ = 1 MHz
570
740
pF
Crss
Reverse transfer capacitance
11
14
pF
RG
Series gate resistance
1.3
2.6
Qg
Gate charge total (4.5 V)
21
27
nC
Qg
Gate charge total (10 V)
44
57
nC
Qgd
Gate charge gate-to-drain
VDS = 30 V, ID = 100 A
6.9
nC
Qgs
Gate charge gate-to-source
10
nC
Qg(th)
Gate charge at Vth
7.3
nC
Qoss
Output charge
VDS = 30 V, VGS = 0 V
63
nC
td(on)
Turn on delay time
6
ns
tr
Rise time
5
ns
VDS = 30 V, VGS = 10 V,
IDS = 100 A, RG = 0 Ω
td(off)
Turn off delay time
18
ns
tf
Fall time
21
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 100 A, VGS = 0 V
0.9
1.0
V
Qrr
Reverse recovery charge
148
nC
VDS= 30 V, IF = 100 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
53
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
0.6
°C/W
RθJA
Junction-to-ambient thermal resistance
62
°C/W
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18542KCS


Similar Part No. - CSD18542KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD18542KCS ISC-CSD18542KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - CSD18542KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com