Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19502Q5BT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19502Q5BT
Description  80V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19502Q5BT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD19502Q5BT Datasheet HTML 6Page - Texas Instruments CSD19502Q5BT Datasheet HTML 7Page - Texas Instruments CSD19502Q5BT Datasheet HTML 8Page - Texas Instruments CSD19502Q5BT Datasheet HTML 9Page - Texas Instruments CSD19502Q5BT Datasheet HTML 10Page - Texas Instruments CSD19502Q5BT Datasheet HTML 11Page - Texas Instruments CSD19502Q5BT Datasheet HTML 12Page - Texas Instruments CSD19502Q5BT Datasheet HTML 13Page - Texas Instruments CSD19502Q5BT Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
4.318 (0.170)
2.186
6.586
0.350
(0.014)
1.294
x 8
(0.051)
0.746 x 8
(0.029)
(0.259)
1.072
(0.042)
1.270
0.562 x 4
(0.022)
0.300
(0.012)
(0.086)
(0.050)
1.525
(0.060)
0.508
x4
(0.020)
1.270 (0.050)
0.286
(0.011)
0.766
(0.030)
C
L
C
L
SYM
0.590
(0.023)
4.440
(0.175)
1.100
(0.043)
4.520
(0.178)
3.456
0.984
(0.136)
(0.039)
1.372
(0.054)
0.710 (0.028)
0.710
(0.028)
1.270 (0.028)
0.560 (0.022)
CSD19502Q5B
SLPS413A – DECEMBER 2013 – REVISED JUNE 2014
www.ti.com
7.2 Recommended PCB Pattern
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
7.3 Recommended Stencil Pattern
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD19502Q5B


Similar Part No. - CSD19502Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19502Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
[Old version datasheet]   80V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com