Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS125DF111 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS125DF111
Description  Multi-Protocol 2-Channel 9.8 - 12.5 Gb/s Retimer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125DF111 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS125DF111 Datasheet HTML 3Page - Texas Instruments DS125DF111 Datasheet HTML 4Page - Texas Instruments DS125DF111 Datasheet HTML 5Page - Texas Instruments DS125DF111 Datasheet HTML 6Page - Texas Instruments DS125DF111 Datasheet HTML 7Page - Texas Instruments DS125DF111 Datasheet HTML 8Page - Texas Instruments DS125DF111 Datasheet HTML 9Page - Texas Instruments DS125DF111 Datasheet HTML 10Page - Texas Instruments DS125DF111 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
DS125DF111
www.ti.com
SNLS450A – JANUARY 2014 – REVISED JUNE 2015
6.5 Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
R_Baud
Input baud rate (primary VCO range) Full Rate: DS125DF111
9.8
12.5
Gbps
R_Baud2
Divide by 2
Half Rate: DS125DF111
4.9
6.25
Gbps
R_Baud4
Divide by 4
Quarter Rate: DS125DF111
2.45
3.125
Gbps
R_Baud8
Divide by 8
Eighth Rate: DS125DF111
1.225
1.5625
Gbps
Slave Mode Clock Rate
100
400
FSDC
SMBus Clock Rate
kHz
Master Mode Clock Rate
280
400
520
REFCLK
Reference Clock Rate
± 100 ppm
25
MHz
DCREFCLK
Reference Clock Duty Cycle
40%
50%
60%
POWER SUPPLY CURRENT
Average Supply Current, Default
Settings, CHA and CHB Locked
175
mA
DFE Enabled
Average Supply Current, CHA and
CHB Locked
DS125DF111 Current Consumption
155
mA
IDD
Default Settings except DFE
(Whole Device)
Disabled
Maximum Transient Supply Current
Default Settings: CHA and CHB
294
333
mA
valid input signal detected
CHA and CHB acquiring LOCK(2)
50 Hz to 100 Hz
100
mVp-p
NTps
Supply Noise Tolerance
100 Hz to 10 MHz
40
mVp-p
10 MHz to 3.0 GHz
10
mVp-p
LVCMOS (ADDR[1:0], READEN#, REFCLK_IN, DONE#, LOCK)
VIH
High level input voltage
2.5 V or 3.3 V Supply Mode
1.7
VIN
V
VIL
Low level input voltage
2.5 V or 3.3 V Supply Mode
0.7
VOH1
High level output voltage
IOH = -3 mA
2
VIN
VOH2
High level output voltage
IOH = –100 µA
VIN - 0.1
V
VOL
Low level output voltage
IOL = 3 mA
0.4
IIN
Input leakage current
VINPUT = GND or VIN
–15
15
µA
4-LEVEL INPUTS (ENSMB, DEMA, DEMB, LPBK, TX_DIS, VODA, VODB)
IIH-R
Input leakage current High
VINPUT = VIN
80
µA
IIL-R
Input leakage current Low
VINPUT = GND
–160
µA
OPEN DRAIN (LOS/INT#)
VOL
Low level output voltage
IOL = 3 mA
0.4
V
SIGNAL DETECT
Signal Detect:
Default level to assert
SDH
18
mVp-p
ON Threshold Level
Signal Detect, 12.5 Gbps, PRBS31
Signal Detect:
Default level to de-assert
SDL
14
mVp-p
OFF Threshold Level
Signal Detect, 12.5 Gbps, PRBS31
CML RX INPUTS
R_Rd
DC Input differential Resistance
80
100
120
SDD11 10 MHz
–19
RLRX-IN
Input Return-Loss
SDD11 2.0 GHz
–13
dB
SDD11 6.0 - 11.1 GHz
-8
VRX-
Tx Launch amplitude of driver
Source Transmit Signal Level
1600
mVp-p
LAUNCH
connected to DS125DF111 inputs(3)
(1)
Typical values represent the most likely parametric norm as determined at the time of design and characterization. Actual typical values
may vary over time and will also depend on the application and configuration.
(2)
Peak current only occurs during lock acquisition, limit is for power supply design not needed for thermal calculations.
(3)
DS125DF111 equalizer is optimized to adapt to Tx Launch amplitudes between 600 - 1200 mV. Amplitudes above or below this range
will reduce the overall equalizer performance.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS125DF111


Similar Part No. - DS125DF111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
DS125DF1610FB/NOPB TI1-DS125DF1610FB/NOPB Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
DS125DF1610FBE/NOPB TI1-DS125DF1610FBE/NOPB Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
More results

Similar Description - DS125DF111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
logo
Keysight Technologies
N4965A KEYSIGHT-N4965A Datasheet
2Mb / 12P
   Multi-Channel BERT 12.5 Gb/s
N4962A KEYSIGHT-N4962A Datasheet
384Kb / 6P
   Serial BERT 12.5 Gb/s
logo
Texas Instruments
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
logo
Texas Instruments
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com