Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1649 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS1649
Description  Hex TRI-STATE(RM) TTL to MOS Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS1649 Datasheet(HTML) 4 Page - Texas Instruments

  DS1649_11 Datasheet HTML 1Page - Texas Instruments DS1649_11 Datasheet HTML 2Page - Texas Instruments DS1649_11 Datasheet HTML 3Page - Texas Instruments DS1649_11 Datasheet HTML 4Page - Texas Instruments DS1649_11 Datasheet HTML 5Page - Texas Instruments DS1649_11 Datasheet HTML 6Page - Texas Instruments DS1649_11 Datasheet HTML 7Page - Texas Instruments DS1649_11 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics (VCC e 5V TA e 25 C) (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tSg
Storage Delay Negative Edge
(
Figure 1 )CL e 50 pF
45
7
ns
CL e 500 pF
75
12
ns
tSg
Storage Delay Positive Edge
(
Figure 1 )CL e 50 pF
5
8
ns
CL e 500 pF
8
13
ns
tF
Fall Time
(
Figure 1 )CL e 50 pF
5
8
ns
CL e 500 pF
22
35
ns
tR
Rise Time
(
Figure 1 )CL e 50 pF
6
9
ns
CL e 500 pF
21
35
ns
tZL
Delay from Disable Input to Logical ‘‘0’’
CL e 50 pF
10
15
ns
Level (from High Impedance State)
RL e 2kX to VCC (Figure 2 )
tZH
Delay from Disable Input to Logical ‘‘1’’
CL e 50 pF
815
ns
Level (from High Impedance State)
RL e 2kX to GND (Figure 2 )
tLZ
Delay from Disable Input to High Impedance
CL e 50 pF
15
25
ns
State (from Logical ‘‘0’’ Level)
RL e 400X to VCC (Figure 3 )
tHZ
Delay from Disable Input to High Impedance
CL e 50 pF
10
25
ns
State (from Logical ‘‘1’’ Level)
RL e 400X to GND (Figure 3 )
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS1649 and DS1679 and across the 0 Cto
a
70 C range for the DS3649 and DS3679 All typical values are for TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
When measuring output drive current and switching response for the DS1679 and DS3679 a 15X resistor should be placed in series with each output This
resistor is internal to the DS1649DS3649 and need not be added
AC Test Circuits and Switching Time Waveforms
tSg tStR tF
TLF7515 – 4
TLF7515 – 5
FIGURE 1
3


Similar Part No. - DS1649_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1649J NSC-DS1649J Datasheet
140Kb / 6P
   Hex TRI-STATEE TTL to MOS Drivers
More results

Similar Description - DS1649_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1649 NSC-DS1649 Datasheet
140Kb / 6P
   Hex TRI-STATEE TTL to MOS Drivers
logo
Texas Instruments
54LS368A TI1-54LS368A_11 Datasheet
387Kb / 8P
[Old version datasheet]   Hex TRI-STATE(RM) Inverting Buffers
logo
National Semiconductor ...
DS1648 NSC-DS1648 Datasheet
120Kb / 6P
   TRI-STATEÉ TTL to MOS Multiplexers/Drivers
February 1986
logo
Texas Instruments
DM54LS365A TI1-DM54LS365A Datasheet
381Kb / 8P
[Old version datasheet]   54LS365A DM54LS365A DM74LS365A Hex TRI-STATE(RM) Buffers
DM54LS367A TI1-DM54LS367A Datasheet
387Kb / 8P
[Old version datasheet]   54LS367A DM54LS367A DM74LS367A Hex TRI-STATE(RM) Buffers
logo
National Semiconductor ...
DS3628 NSC-DS3628 Datasheet
122Kb / 4P
   Octal TRI-STATE MOS Drivers
logo
Texas Instruments
54F240 TI1-54F240 Datasheet
439Kb / 12P
[Old version datasheet]   Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MM54HC365 NSC-MM54HC365 Datasheet
141Kb / 8P
   Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
   Hex TRI-STATE Buffers
logo
List of Unclassifed Man...
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
   TRI-STATE Hex Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com