Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19538Q2T Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19538Q2T
Description  100V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19538Q2T Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD19538Q2T Datasheet HTML 5Page - Texas Instruments CSD19538Q2T Datasheet HTML 6Page - Texas Instruments CSD19538Q2T Datasheet HTML 7Page - Texas Instruments CSD19538Q2T Datasheet HTML 8Page - Texas Instruments CSD19538Q2T Datasheet HTML 9Page - Texas Instruments CSD19538Q2T Datasheet HTML 10Page - Texas Instruments CSD19538Q2T Datasheet HTML 11Page - Texas Instruments CSD19538Q2T Datasheet HTML 12Page - Texas Instruments CSD19538Q2T Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
(PREFERRED)
(0.95)
4X (0.65)
(1)
(0.75)
(0.3)
6X (0.45)
6X (0.3)
(1.95)
(R
) TYP
0.05
(0.325)
(0.65)
(0.095)
PKG
1
3
4
6
PKG
8
7
9
CSD19538Q2
www.ti.com
SLPS582 – JULY 2016
Product Folder Links: CSD19538Q2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Q2 Package Dimensions (continued)
7.1.1 Recommended PCB Pattern
1. For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing
Through PCB Layout Techniques.
2. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas
Instruments literature number SLUA271 (www.ti.com/lit/slua271).


Similar Part No. - CSD19538Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19538Q3AT TI1-CSD19538Q3AT Datasheet
348Kb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19538Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19537Q3 TI1-CSD19537Q3 Datasheet
510Kb / 13P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com