Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD85301Q2 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD85301Q2
Description  20V Dual N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85301Q2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD85301Q2 Datasheet HTML 2Page - Texas Instruments CSD85301Q2 Datasheet HTML 3Page - Texas Instruments CSD85301Q2 Datasheet HTML 4Page - Texas Instruments CSD85301Q2 Datasheet HTML 5Page - Texas Instruments CSD85301Q2 Datasheet HTML 6Page - Texas Instruments CSD85301Q2 Datasheet HTML 7Page - Texas Instruments CSD85301Q2 Datasheet HTML 8Page - Texas Instruments CSD85301Q2 Datasheet HTML 9Page - Texas Instruments CSD85301Q2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TC - Case Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
D012
VDS - Drain-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
10 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
1
10
D011
TC = 25GC
TC = 125GC
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
1.8
D008
VGS = 1.8 V
VGS = 2.5 V
VGS = 4.5 V
VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25°C
TC = 125°C
CSD85301Q2
SLPS521 – DECEMBER 2014
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = 5 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single Pulse, Max RθJA = 185°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD85301Q2


Similar Part No. - CSD85301Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD85301Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD87312Q3E TI1-CSD87312Q3E_14 Datasheet
794Kb / 13P
[Old version datasheet]   Dual 30V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com