Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD85301Q2T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD85301Q2T
Description  20V Dual N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD85301Q2T Datasheet(HTML) 3 Page - Texas Instruments

  CSD85301Q2T Datasheet HTML 1Page - Texas Instruments CSD85301Q2T Datasheet HTML 2Page - Texas Instruments CSD85301Q2T Datasheet HTML 3Page - Texas Instruments CSD85301Q2T Datasheet HTML 4Page - Texas Instruments CSD85301Q2T Datasheet HTML 5Page - Texas Instruments CSD85301Q2T Datasheet HTML 6Page - Texas Instruments CSD85301Q2T Datasheet HTML 7Page - Texas Instruments CSD85301Q2T Datasheet HTML 8Page - Texas Instruments CSD85301Q2T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CSD85301Q2
www.ti.com
SLPS521 – DECEMBER 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
20
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 16 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 10 V
10
μA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
0.6
0.9
1.2
V
VGS = 1.8 V, ID = 0.5 A
65
99
m
VGS = 2.5 V, ID = 5 A
33
39
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 3.8 V, ID = 5 A
25
29
m
VGS = 4.5 V, ID = 5 A
23
27
m
gƒs
Transconductance
VDS = 2 V, ID = 5 A
20
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
361
469
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 10 V, ƒ = 1 MHz
68
89
pF
Crss
Reverse Transfer Capacitance
48
62
pF
RG
Series Gate Resistance
7.3
Qg
Gate Charge Total (4.5 V)
4.2
5.4
nC
Qgd
Gate Charge Gate-to-Drain
1.0
nC
VDS = 10 V, ID = 5 A
Qgs
Gate Charge Gate-to-Source
1.1
nC
Qg(th)
Gate Charge at Vth
0.5
nC
Qoss
Output Charge
VDS = 10 V, VGS = 0 V
1.3
nC
td(on)
Turn On Delay Time
6
ns
tr
Rise Time
26
ns
VDS = 10 V, VGS = 5 V,
IDS = 5 A, RG = 0 Ω
td(off)
Turn Off Delay Time
14
ns
tƒ
Fall Time
15
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 5 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse Recovery Charge
7.2
nC
VDS= 10 V, IF = 5 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
14
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-Ambient Thermal Resistance(1)
70
RθJA
°C/W
Junction-to-Ambient Thermal Resistance(2)
185
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD85301Q2


Similar Part No. - CSD85301Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD85301Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD87312Q3E TI1-CSD87312Q3E_14 Datasheet
794Kb / 13P
[Old version datasheet]   Dual 30V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com