Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV2624YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2624YFFR
Description  DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2624YFFR Datasheet(HTML) 1 Page - Texas Instruments

  DRV2624YFFR Datasheet HTML 1Page - Texas Instruments DRV2624YFFR Datasheet HTML 2Page - Texas Instruments DRV2624YFFR Datasheet HTML 3Page - Texas Instruments DRV2624YFFR Datasheet HTML 4Page - Texas Instruments DRV2624YFFR Datasheet HTML 5Page - Texas Instruments DRV2624YFFR Datasheet HTML 6Page - Texas Instruments DRV2624YFFR Datasheet HTML 7Page - Texas Instruments DRV2624YFFR Datasheet HTML 8Page - Texas Instruments DRV2624YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
I
2C
I/F
REG
Back-EMF
Detection
Control and Playback Engine
M
LRA
or
ERM
OUT±
GND
REG
TRIG/INTZ
SDA
SCL
NRST
Supply
Correction
Automatic
Over-Drive
and Braking
Gate
Drive
VDD
Automatic Resonance Tracking
and Reporting
Waveform Shape
Select (LRA)
Gate
Drive
VDD
OUT+
VDD
RAM
1 kB
2.7 V ± 5.5 V
1.8 V
Loopable
Waveform
Sequencer
Dynamic and
Programmable
Output Clamp
Impedance
Based Actuator
Diagnostics
Short Circuit
Protection
Off-
Resonance
Driving (LRA)
Thermal
Protection
Battery
Monitor
Reg
Map
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV2624
SLOS893A – DECEMBER 2015 – REVISED DECEMBER 2015
DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
1
1 Features
1
Ultra Low-Power Shutdown Mode
Low-Power Standby State
Resistance-Based Actuator Diagnostics
SimpleDrive One-Wire Vibration Scheme
Automatic Resonance Tracking and Reporting
Automatic Overdrive and Braking
Automatic Level Calibration
Drive Compensation Over Battery Discharge
Configurable Battery Monitor with Power
Preservation
Off-Resonance Driving with Auto-Braking
LRA Waveform Shape Selection
Integrated RAM with Loopable Waveform
Sequencer
Real-Time Playback (RTP) Mode
I2C-Controlled Digital Playback Engine
Hardware and Software Trigger Option
Automatic Transition to Standby with Auto-Brake
Optional Interrupt Pin
1.8-V Compatible, VDD Tolerant Digital Interface
(1)
Patent pending control algorithm
2 Applications
Mobile Phones
Tablets
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
3 Description
The DRV2624 device is a haptic driver that relies on
a proprietary closed-loop architecture to deliver
sharp, strong, and consistent haptic effects while
optimizing power consumption.
The
internal
memory
and
loopable
waveform
sequencer, together with the automatic overdrive and
braking simplifies the process of generating crisp and
optimum haptic effects, reducing the burden imposed
into the processing unit.
The DRV2624 device features an automatic go-to-
standby state and a battery preservation function to
help
reduce
power
consumption
without
user
intervention. The NRST pin allows for a full shutdown
state for additional power savings.
The waveform shape selection allows for sine-wave
and square-wave drive to customize the haptic feel
as well as the audible performance. Off-resonance
driving
with
automatic
braking
simplifies
the
implementation of non-resonant haptic solutions.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE (MAX)
DRV2624
DSBGA (9)
1.498 mm × 1.361 mm
Simplified Schematic


Similar Part No. - DRV2624YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2625YFFR TI1-DRV2625YFFR Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2625YFFT TI1-DRV2625YFFT Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
More results

Similar Description - DRV2624YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
logo
Texas Instruments
DRV2604L TI1-DRV2604L Datasheet
2Mb / 73P
[Old version datasheet]   DRV2604L 2- to 5.2-V Haptic Driver for LRA and ERM with Internal Memory and Smart-Loop Architecture
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2605 TI-DRV2605 Datasheet
672Kb / 6P
[Old version datasheet]   Haptic Driver for ERM and LRA with Built-In Library and Smart Loop Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com