Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8570A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DP8570A
Description  DP8570A Timer Clock Peripheral
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8570A Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP8570A Datasheet HTML 6Page - Texas Instruments DP8570A Datasheet HTML 7Page - Texas Instruments DP8570A Datasheet HTML 8Page - Texas Instruments DP8570A Datasheet HTML 9Page - Texas Instruments DP8570A Datasheet HTML 10Page - Texas Instruments DP8570A Datasheet HTML 11Page - Texas Instruments DP8570A Datasheet HTML 12Page - Texas Instruments DP8570A Datasheet HTML 13Page - Texas Instruments DP8570A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Functional Description (Continued)
Interrupts Fall Into Four Categories
1 The Timer Interrupts For description see Timer Section
2 The Alarm Compare Interrupt Issued when the value in
the time compared RAM equals the counter
3 The Periodic Interrupts These are issued at every incre-
ment of the specific clock counter signal Thus an inter-
rupt is issued every minute second etc Each of these
interrupts occurs at the roll-over of the specific counter
4 The Power Fail Interrupt Issued upon recognition of a
power fail condition by the internal sensing logic The
power failed condition is determined by the signal on the
PFAIL pin The internal power fail signal is gated with the
chip select signal to ensure that the power fail interrupt
does not lock the chip out during a read or write
ALARM COMPARE INTERRUPT DESCRIPTON
The alarmtime comparison interrupt is a special interrupt
similar to an alarm clock wake up buzzer This interrupt is
generated when the clock time is equal to a value pro-
grammed into the alarm compare registers Up to six bytes
can be enabled to perform alarm time comparisons on the
counter chain These six bytes or some subset thereof
would be loaded with the future time at which the interrupt
will occur Next the appropriate bits in the Interrupt Control
Register 1 are enabled or disabled (refer to detailed descrip-
tion of Interrupt Control Register 1) The TCP then com-
pares these bytes with the clock time When all the enabled
compare registers equal the clock time an alarm interrupt is
issued but only if the alarm compare interrupt is enabled
can the interrupt be generated externally Each alarm com-
pare bit in the Control Register will enable a specific byte for
comparison to the clock Disabling a compare byte is the
same as setting its associated counter comparator to an
‘‘always equal’’ state For example to generate an interrupt
at 315 AM of every day load the hours compare with 0 3
(BCD) the minutes compare with 1 5 (BCD) and the faster
counters with 0 0 (BCD) and then disable all other compare
registers So every day when the time rolls over from
3145999 an interrupt is issued This bit may be reset by
writing a one to bit D3 in the Main Status Register at any
time after the alarm has been generated
If time comparison for an individual byte counter is disabled
that corresponding RAM location can then be used as gen-
eral purpose storage
PERIODIC INTERRUPTS DESCRIPTION
The Periodic Flag Register contains six flags which are set
by real-time generated ‘‘ticks’’ at various time intervals see
Figure 5 These flags constantly sense the periodic signals
and may be used whether or not interrupts are enabled
These flags are cleared by any read or write operation per-
formed on this register
To generate periodic interrupts at the desired rate the asso-
ciated Periodic Interrupt Enable bit in Interrupt Control Reg-
ister 0 must be set Any combination of periodic interrupts
may be enabled to operate simultaneously Enabled period-
ic interrupts will now affect the Periodic Interrupt Flag in the
Main Status Register The Periodic Route bit in the Interrupt
Routing Register is used to route the periodic interrupt
events to either the INTR output or the MFO output
When a periodic event occurs the Periodic Interrupt Flag in
the Main Status Register is set causing an interrupt to be
generated The mP clears both flag and interrupt by writing a
‘‘1’’ to the Periodic Interrupt Flag The individual flags in the
periodic Interrupt Flag Register do not require clearing to
cancel the interrupt
If all periodic interrupts are disabled and a periodic interrupt
is left pending (ie the Periodic Interrupt Flag is still set) the
Periodic Interrupt Flag will still be required to be cleared to
cancel the pending interrupt
POWER FAIL INTERRUPTS DESCRIPTION
The Power Fail Status Flag in the Main Status Register
monitors the state of the internal power fail signal This flag
may be interrogated by the mP but it cannot be cleared it is
cleared automatically by the TCP when system power is
restored To generate an interrupt when the power fails the
Power Fail Interrupt Enable bit in Interrupt Control Register
1 is set
The Power Fail Route bit determines which output the inter-
rupt will appear on Although this interrupt may not be
cleared it may be masked by clearing the Power Fail Inter-
rupt Enable bit
POWER FAILURE CIRCUITRY FUNCTIONAL
DESCRIPTION
Since the clock must be operated from a battery when the
main system supply has been turned off the DP8570A pro-
vides circuitry to simplify design in battery backed systems
This circuitry switches over to the back up supply and iso-
lates the DP8570A from the host system
Figure 6 shows a
simplified block diagram of this circuitry which consists of
three major sections 1) power loss logic 2) battery switch
over logic and 3) isolation logic
Detection of power loss occurs when PFAIL is low De-
bounce logic provides a 30 ms–63 ms debounce time which
will prevent noise on the PFAIL pin from being interpreted
as a system failure After 30 ms–63 ms the debounce logic
times out and a signal is generated indicating that system
power is marginal and is failing The Power Fail Interrupt will
then be generated
9


Similar Part No. - DP8570A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
DP8570AN NSC-DP8570AN Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
DP8570AV NSC-DP8570AV Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
More results

Similar Description - DP8570A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
   Timer Clock Peripheral (TCP)
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
   System Peripheral Clock Source
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
   SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
   System Peripheral Clock Source
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
   System Peripheral Clock Source
logo
Renesas Technology Corp
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com