Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8392CV Datasheet(PDF) 9 Page - Texas Instruments

Part # DP8392CV
Description  Coaxial Transceiver Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8392CV Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP8392CV Datasheet HTML 5Page - Texas Instruments DP8392CV Datasheet HTML 6Page - Texas Instruments DP8392CV Datasheet HTML 7Page - Texas Instruments DP8392CV Datasheet HTML 8Page - Texas Instruments DP8392CV Datasheet HTML 9Page - Texas Instruments DP8392CV Datasheet HTML 10Page - Texas Instruments DP8392CV Datasheet HTML 11Page - Texas Instruments DP8392CV Datasheet HTML 12Page - Texas Instruments DP8392CV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
100 DP8392C Switching Characteristics VEE eb9V g5% TA e 0 to 70 C (Note 3)
Symbol
Parameter
Fig
Min
Typ
Max
Units
tRON
Receiver startup delay (RXI to RXg)
8
14
4
bits
tRd
Receiver propagation delay (RXI to RXg)
814
15
50
ns
tRr
Differential outputs rise time (RXg CDg)
814
4
ns
tRf
Differential outputs fall time (RXg CDg)
814
4
ns
tRJ
Receiver
cable total jitter
13
g
2ns
tTST
Transmitter startup delay (TXg to TXO)
9
14
1
bits
tTd
Transmitter propagation delay (TXg to TXO)
9
14
25
50
ns
tTr
Transmitter rise time
10% to 90% (TXO)
9
14
25
ns
tTf
Transmitter fall time
90% to 10% (TXO)
9
14
25
ns
tTM
tTr and tTf mismatch
05
ns
tTS
Transmitter skew (TXO)
g
05
ns
tTON
Transmit turn-on pulse width at VTS (TXg)
914
20
ns
tTOFF
Transmit turn-off pulse width at VTS (TXg)
9
14
250
ns
tCON
Collision turn-on delay
10
14
7
bits
tCOFF
Collision turn-off delay
10
14
20
bits
fCD
Collision frequency (CDg)
10
14
80
125
MHz
tCP
Collision pulse width (CDg)
1014
35
70
ns
tHON
CD Heartbeat delay (TXg to CDg)
11
14
06
16
m
s
tHW
CD Heartbeat duration (CDg)
11
14
05
10
15
m
s
tJA
Jabber activation delay (TXg to TXO and CDg)
1214
20
29
60
ms
tJR
Jabber reset unjab time (TXg to TXO and CDg)
12
14
250
500
750
ms
DP8392C-1 Switching Characteristics VEE eb9V g5% TA e 0 to 70 C (Note 3)
Symbol
Parameter
Fig
Min
Typ
Max
Units
tRON
Receiver startup delay (RXI to RXg)
8
14
4
5
bits
tRd
Receiver propagation delay (RXI to RXg)
814
15
50
ns
tRr
Differential outputs rise time (RXg CDg)
814
4
7
ns
tRf
Differential outputs fall time (RXg CDg)
814
4
7
ns
tRJ
Receiver
cable total jitter
13
g
2ns
tTST
Transmitter startup delay (TXg to TXO)
9
14
1
2
bits
tTd
Transmitter propagation delay (TXg to TXO)
9
14
5
25
50
ns
tTr
Transmitter rise time
10% to 90% (TXO)
9
14
20
25
30
ns
tTf
Transmitter fall time
90% to 10% (TXO)
9
14
20
25
30
ns
tTM
tTr and tTf mismatch
05
ns
tTS
Transmitter skew (TXO)
g
05
ns
tTON
Transmit turn-on pulse width at VTS (TXg)
9
14
5
20
40
ns
tTOFF
Transmit turn-off pulse width at VTS (TXg)
9
14
110
270
ns
tCON
Collision turn-on delay
10
14
7
13
bits
tCOFF
Collision turn-off delay
10
14
20
bits
fCD
Collision frequency (CDg)
10
14
85
125
MHz
tCP
Collision pulse width (CDg)
1014
35
70
ns
tHON
CD Heartbeat delay (TXg to CDg)
11
14
06
16
m
s
tHW
CD Heartbeat duration (CDg)
11
14
05
10
15
m
s
tJA
Jabber activation delay (TXg to TXO and CDg)
1214
20
29
60
ms
tJR
Jabber reset unjab time (TXg to TXO and CDg)
12
14
250
500
750
ms
Note 1
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits
Note 2
All currents into device pins are positive all currents out of device pins are negative All voltages referenced to ground unless otherwise specified
Note 3
All typicals are given for VEE eb9V and TA e 25 C
8


Similar Part No. - DP8392CV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392CV NSC-DP8392CV Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
DP8392CV-1 NSC-DP8392CV-1 Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
More results

Similar Description - DP8392CV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
   SMPTE Coaxial Cable Interface
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
logo
RF Monolithics, Inc
IM1800 RFM-IM1800 Datasheet
270Kb / 5P
   Transceiver Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com