Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N28B Datasheet(PDF) 4 Page - Texas Instruments

Part # N28B
Description  DP8570A Timer Clock Peripheral
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

N28B Datasheet(HTML) 4 Page - Texas Instruments

  N28B Datasheet HTML 1Page - Texas Instruments N28B Datasheet HTML 2Page - Texas Instruments N28B Datasheet HTML 3Page - Texas Instruments N28B Datasheet HTML 4Page - Texas Instruments N28B Datasheet HTML 5Page - Texas Instruments N28B Datasheet HTML 6Page - Texas Instruments N28B Datasheet HTML 7Page - Texas Instruments N28B Datasheet HTML 8Page - Texas Instruments N28B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AC Electrical Characteristics
VCC e 5V g10% VBB e 3V VPFAIL l VIH CL e 100 pF (unless otherwise specified)
Symbol
Parameter
Min
Max
Units
READ TIMING
tAR
Address Valid Prior to Read Strobe
20
ns
tRW
Read Strobe Width (Note 9)
80
ns
tCD
Chip Select to Data Valid Time
80
ns
tRAH
Address Hold after Read (Note 10)
3
ns
tRD
Read Strobe to Valid Data
70
ns
tDZ
Read or Chip Select to TRI-STATE
60
ns
tRCH
Chip Select Hold after Read Strobe
0
ns
tDS
Minimum Inactive Time between Read or Write Accesses
50
ns
WRITE TIMING
tAW
Address Valid before Write Strobe
20
ns
tWAH
Address Hold after Write Strobe (Note 10)
3
ns
tCW
Chip Select to End of Write Strobe
90
ns
tWW
Write Strobe Width (Note 11)
80
ns
tDW
Data Valid to End of Write Strobe
50
ns
tWDH
Data Hold after Write Strobe (Note 10)
3
ns
tWCH
Chip Select Hold after Write Strobe
0
ns
TIMER 0TIMER 1 TIMING
FTCK
Input Frequency Range
DC
10
MHz
tCK
Propagation Delay Clock to Output
120
ns
tGO
Propagation Delay G0 to G1
100
ns
to Timer Output (Note 12)
O
tPGW
Pulse Width G0 or G1
(Note 12)
25
ns
tGS
Setup Time G0 G1 to TCK (Note 13)
100
ns
INTERRUPT TIMING
tROLL
Clock Rollover to INTR Out is Typically 165 ms
Note 9
Read Strobe width as used in the read timing table is defined as the period when both chip select and read inputs are low Hence read commences when
both signals are low and terminates when either signal returns high
Note 10
Hold time is guaranteed by design but not production tested This limit is not used to calculate outgoing quality levels
Note 11
Write Strobe width as used in the write timing table is defined as the period when both chip select and write inputs are low Hence write commences when
both signals are low and terminates when either signal returns high
Note 12
Timers in Mode 3
Note 13
Guaranteed by design not production tested This limit is not used to calculate outgoing quality levels
AC Test Conditions
Input Pulse Levels
GND to 30V
Input Rise and Fall Times
6 ns (10% – 90%)
Input and Output
13V
Reference Levels
TRI-STATE Reference
Active High a05V
Levels (Note 15)
Active Low b05V
Note 14
CL e 100 pF includes jig and scope capacitance
Note 15
S1 e VCC for active low to high impedance measurements
S1 e GND for active high to high impedance measurements
S1 e open for all other timing measurements
Capacitance (TA e 25 C f e 1 MHz)
Symbol
Parameter
Typ
Units
(Note 16)
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
7
pF
Note 16
This parameter is not 100% tested
Note 17
Output rise and fall times 25 ns max (10%–90%) with 100 pF load
TLF8638 – 23
3


Similar Part No. - N28B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
N28B NSC-N28B Datasheet
74Kb / 1P
   28 Lead (0.600횞 Wide) Molded Dual-in-Line Package
More results

Similar Description - N28B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
   Timer Clock Peripheral (TCP)
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
   System Peripheral Clock Source
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
   SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
   System Peripheral Clock Source
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
   System Peripheral Clock Source
logo
Renesas Technology Corp
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com