Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8573AN Datasheet(PDF) 10 Page - Texas Instruments

Part # DP8573AN
Description  DP8573A Real Time Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8573AN Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP8573AN Datasheet HTML 6Page - Texas Instruments DP8573AN Datasheet HTML 7Page - Texas Instruments DP8573AN Datasheet HTML 8Page - Texas Instruments DP8573AN Datasheet HTML 9Page - Texas Instruments DP8573AN Datasheet HTML 10Page - Texas Instruments DP8573AN Datasheet HTML 11Page - Texas Instruments DP8573AN Datasheet HTML 12Page - Texas Instruments DP8573AN Datasheet HTML 13Page - Texas Instruments DP8573AN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Functional Description (Continued)
POWER FAIL INTERRUPTS DESCRIPTION
The Power Fail Status Flag in the Main Status Register
monitors the state of the internal power fail signal This flag
may be interrogated by the mP but it cannot be cleared it is
cleared automatically by the RTC when system power is
restored To generate an interrupt when the power fails the
Power Fail Interrupt Enable bit in Interrupt Control Register
1 is set Although this interrupt may not be cleared it may
be masked by clearing the Power Fail Interrupt Enable bit
POWER FAILURE CIRCUITRY FUNCTIONAL
DESCRIPTION
Since the clock must be operated from a battery when the
main system supply has been turned off the DP8573A pro-
vides circuitry to simplify design in battery backed systems
This switches over to the back up supply and isolates itself
from the host system
Figure 6 shows a simplified block
diagram of this circuitry which consists of three major sec-
tions 1) power loss logic 2) battery switch over logic and 3)
isolation logic
Detection of power loss occurs when PFAIL is low De-
bounce logic provides a 30 ms–63 ms debounce time which
will prevent noise on the PFAIL pin from being interpreted
as a system failure After 30 ms–63 ms the debounce logic
times out and a signal is generated indicating that system
power is marginal and is failing The Power Fail Interrupt will
then be generated
If chip select is low when a power failure is detected a
safety circuit will ensure that if a read or write is held active
continuously for greater than 30 ms after the power fail sig-
nal is asserted the lock-out will be forced
The battery switch over circuitry is completely independent
of the PFAIL pin A separate circuit compares VCC to the
VBB voltage As the main supply fails the RTC will continue
to operate from the VCC pin until VCC falls below the VBB
voltage At this time the battery supply is switched in VCC is
disconnected and the device is now in the standby mode If
indeterminate operation of the battery switch over circuit is
to be avoided then the voltage at the VCC pin must not be
allowed to equal the voltage at the VBB pin
After the generation of a lock-out signal and eventual
switch in of the battery supply the pins of the RTC will be
configured as shown in Table II Outputs that have a pull-up
resistor should be connected to a voltage no greater than
VBB
TABLE II Pin Isolation during a Power Failure
Pin
PFAIL e
Standby Mode
Logic 0
VBB l VCC
CS RD WR
Locked Out
Locked Out
A0 – A4
Locked Out
Locked Out
D0 – D7
Locked Out
Locked Out
Oscillator
Not Isolated
Not Isolated
PFAIL
Not Isolated
Not Isolated
INTR MFO
Not Isolated
Open Drain
The Interrupt Power Fail Operation bit in the Real-Time
Mode Register determines whether or not the interrupts will
continue to function after a power fail event
As power returns to the system the battery switch over cir-
cuit will switch back to VCC power as soon as it becomes
greater than the battery voltage The chip will remain in the
locked out state as long as PFAILe0 When PFAILe1 the
chip is unlocked but only after another 30 ms min
x 63
m
s max debounce time The system designer must ensure
that his system is stable when power has returned
The power fail circuitry contains active linear circuitry that
draws supply current from VCC In some cases this may be
undesirable so this circuit can be disabled by masking the
power fail interrupt The power fail input can perform all
lock-out functions previously mentioned except that no ex-
TLF9981 – 11
FIGURE 6 System-Battery Switchover (Upper Left) Power Fail
and Lock-Out Circuits (Lower Right)
9


Similar Part No. - DP8573AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573AN NSC-DP8573AN Datasheet
270Kb / 16P
   Real Time Clock (RTC)
More results

Similar Description - DP8573AN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com