Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8033AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD8033AR
Description  Low Cost, 80 MHz FastFET ??Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8033AR Datasheet HTML 7Page - Analog Devices AD8033AR Datasheet HTML 8Page - Analog Devices AD8033AR Datasheet HTML 9Page - Analog Devices AD8033AR Datasheet HTML 10Page - Analog Devices AD8033AR Datasheet HTML 11Page - Analog Devices AD8033AR Datasheet HTML 12Page - Analog Devices AD8033AR Datasheet HTML 13Page - Analog Devices AD8033AR Datasheet HTML 14Page - Analog Devices AD8033AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
AD8033/AD8034
–11–
FREQUENCY – MHz
–20
0.1
1
10
50
–30
–40
–50
–60
–70
–80
TPC 31. CMRR vs. Frequency (See Test Circuit 7)
ILOAD – mA
0
030
5
10
15
20
25
0.6
0.4
0.2
1.0
0.8
VCC Ð VOH
VOL Ð VEE
TPC 32. Output Saturation Voltage vs. Load Current
FREQUENCY – MHz
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
–10
0.0001
100
0.001
0.01
0.1
1
10
+PSRR
–PSRR
TPC 33. PSRR vs. Frequency (See Test Circuits 6 and 8)
OUTPUT VOLTAGE – V
12
–10
–8
–6
–4
–2
0
2
4
6
8
10
105
100
60
80
75
70
65
90
85
95
–12
RL = 500
RL = 1k
RL = 2k
TPC 34. Open-Loop Gain vs. Output Voltage for
Various RLOAD
FREQUENCY – MHz
–40
–70
–100
0.1
50
–80
–90
–60
–50
110
SOIC A/B
SOIC B/A
SOT-23 B/A
SOT-23 A/B
TPC 35. Crosstalk (See Test Circuit 9)
VOS – mV
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
120
90
60
30
180
150
TPC 36. Initial Offset


Similar Part No. - AD8033AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033AR AD-AD8033AR Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AR AD-AD8033AR Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AR-REEL AD-AD8033AR-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AR-REEL AD-AD8033AR-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AR-REEL7 AD-AD8033AR-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

Similar Description - AD8033AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com