Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848T Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848T
Description  MII Serial Management Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848T Datasheet(HTML) 4 Page - Texas Instruments

  DP83848T Datasheet HTML 1Page - Texas Instruments DP83848T Datasheet HTML 2Page - Texas Instruments DP83848T Datasheet HTML 3Page - Texas Instruments DP83848T Datasheet HTML 4Page - Texas Instruments DP83848T Datasheet HTML 5Page - Texas Instruments DP83848T Datasheet HTML 6Page - Texas Instruments DP83848T Datasheet HTML 7Page - Texas Instruments DP83848T Datasheet HTML 8Page - Texas Instruments DP83848T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
3
Device Comparison
Table 3-1. Device Features(1)
TEMPERATURE RANGE
DEVICE
TEMPERATURE GRADE
MIN
MAX
DP83848J/M
0°C
70°C
Commercial
DP83848K/T
-40°C
85°C
Industrial
DP83848H
-40°C
125°C
Extreme
(1)
Pin 21 is the CLK_OUT pin for the DP83848H/M/T.
4
Pin Configuration and Functions
The DP83848x pins are classified into the following interface categories (each interface is described in the
sections that follow):
Serial Management Interface
MAC Data Interface
Clock Interface
LED Interface
Reset
Strap Options
10/100 Mb/s PMD Interface
Special Connections
Power Supply Pins
NOTE
Strapping pin option. See Section 4.8 for strap definitions.
All DP83848x signal pins are I/O cells regardless of the particular use. The definitions below define the
functionality of the I/O cells for each pin.
Type: I
Input
Type: O
Output
Type: I/O
Input/Output
Type: OD
Open Drain
Type: PD,PU Internal Pulldown/Pullup
Type: S
Strapping Pin (All strap pins have weak internal pullups or pulldowns. If the default strap
value is to be changed then an external 2.2-k
Ω resistor should be used. See Section 4.8 for
details.)
4
Pin Configuration and Functions
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T


Similar Part No. - DP83848T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848T NSC-DP83848T Datasheet
912Kb / 72P
   Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T Datasheet
1,020Kb / 78P
   Industrial Temperature Single 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T Datasheet
1Mb / 81P
   PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848T TI1-DP83848T Datasheet
764Kb / 84P
[Old version datasheet]   PHYTER Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
logo
National Semiconductor ...
DP83848T NSC-DP83848T_07 Datasheet
1,020Kb / 78P
   Industrial Temperature Single 10/100 Ethernet Transceiver
More results

Similar Description - DP83848T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
DP83848LFQ TI1-DP83848LFQ Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
logo
List of Unclassifed Man...
ADM8511 ETC1-ADM8511 Datasheet
672Kb / 57P
   USB / FAST ETHERNET WITH MII INTERFACE
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
   6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com