Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849I Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DP83849I
Description  DP83849I PHYTER DUAL Industrial Temperature With Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849I Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83849I Datasheet HTML 3Page - Texas Instruments DP83849I Datasheet HTML 4Page - Texas Instruments DP83849I Datasheet HTML 5Page - Texas Instruments DP83849I Datasheet HTML 6Page - Texas Instruments DP83849I Datasheet HTML 7Page - Texas Instruments DP83849I Datasheet HTML 8Page - Texas Instruments DP83849I Datasheet HTML 9Page - Texas Instruments DP83849I Datasheet HTML 10Page - Texas Instruments DP83849I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
DP83849I
www.ti.com
SNOSAX1F – MAY 2008 – REVISED SEPTEMBER 2015
3.2
Signal Descriptions
3.2.1
Serial Management Interface
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
MDC
I
67
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO management data
input/output serial interface which may be asynchronous to transmit and receive clocks. The
maximum clock rate is 25 MHz with no minimum clock rate.
MDIO
I/O
66
MANAGEMENT DATA I/O: Bi-directional management instruction/data signal that may be
sourced by the station management entity or the PHY. This pin requires a 1.5-k
Ω pullup
resistor.
3.2.2
Clock Interface
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
X1
I
70
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock reference input for the
DP83849I and must be connected to a 25 MHz 0.005% (+50 ppm) clock source. The
DP83849I supports either an external crystal resonator connected across pins X1 and X2, or
an external CMOS-level oscillator source connected to pin X1 only.
RMII REFERENCE CLOCK: This pin is the primary clock reference input for the RMII mode
and must be connected to a 50-MHz
0.005% (+50 ppm) CMOS-level oscillator source.
X2
O
69
CRYSTAL OUTPUT: This pin is the primary clock reference output to connect to an external
25 MHz crystal resonator device. This pin must be left unconnected if an external CMOS
oscillator clock source is used.
CLK2MAC
O
68
CLOCK TO MAC:
In MII mode, this pin provides a 25-MHz clock output to the system.
In RMII mode, this pin provides a 50-MHz clock output to the system.
This allows other devices to use the reference clock from the DP83849I without requiring
additional clock sources.
If the system does not require the CLK2MAC signal, the CLK2MAC output must be disabled
through the CLK2MAC disable strap.
3.2.3
MAC Data Interface
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
TX_CLK_A
12
MII TRANSMIT CLOCK: 25-MHz Transmit clock output in 100-Mb/s mode or 2.5 MHz in
10-Mb/s mode derived from the 25-MHz reference clock.
Unused in RMII mode. The device uses the X1 reference clock input as the 50-MHz
O
reference for both transmit and receive.
TX_CLK_B
50
SNI TRANSMIT CLOCK: 10-MHz Transmit clock output in 10-Mb/s SNI mode. The MAC
must source TX_EN and TXD_0 using this clock.
TX_EN_A
13
MII TRANSMIT ENABLE: Active high input indicates the presence of valid data inputs on
TXD[3:0].
RMII TRANSMIT ENABLE: Active high input indicates the presence of valid data on
I
TXD[1:0].
TX_EN_B
49
SNI TRANSMIT ENABLE: 10-MHz Transmit clock output in 10-Mb/s SNI mode. The
MAC must source TX_EN and TXD_0 using this clock.
TXD[3:0]_A
17, 16, 15, 14
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0], that accept data
synchronous to the TX_CLK (2.5 MHz in 10 Mb/s mode or 25 MHz in 100 Mb/s mode).
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0], that accept data
I
synchronous to the 50-MHz reference clock.
TXD[3:0]_B
45, 46, 47, 48
SNI TRANSMIT DATA: Transmit data SNI input pin, TXD_0, that accept data
synchronous to the TX_CLK (10 MHz in 10 Mb/s SNI mode).
MII RECEIVE CLOCK: Provides the 25-MHz recovered receive clocks for 100 Mb/s
RX_CLK_A
79
mode and 2.5 MHz for 10 Mb/s mode.
Unused in RMII mode. The device uses the X1 reference clock input as the 50-MHz
O
reference for both transmit and receive.
RX_CLK_B
63
SNI RECEIVE CLOCK: Provides the 10-MHz recovered receive clocks for 10 Mb/s SNI
mode.
Copyright © 2008–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: DP83849I


Similar Part No. - DP83849I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849I NSC-DP83849I Datasheet
3Mb / 106P
   DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849I NSC-DP83849I Datasheet
3Mb / 106P
   PHYTER짰 DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83849I TI-DP83849I Datasheet
786Kb / 108P
[Old version datasheet]   DP83849I PHYTER DUAL Industrial erature with Flexible Port Switching
logo
National Semiconductor ...
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
   PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
   PHYTER짰 DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results

Similar Description - DP83849I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83849I NSC-DP83849I Datasheet
3Mb / 106P
   DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849I NSC-DP83849I_08 Datasheet
3Mb / 106P
   PHYTER짰 DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83849C TI1-DP83849C_14 Datasheet
959Kb / 101P
[Old version datasheet]   PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83849IF TI1-DP83849IF_14 Datasheet
1Mb / 104P
[Old version datasheet]   PHYTER??DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
logo
National Semiconductor ...
DP83849ID NSC-DP83849ID Datasheet
3Mb / 98P
   PHYTER DUAL Industrial Temperature with Fiber Support (FX) Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83849IF NSC-DP83849IF_06 Datasheet
3Mb / 108P
   DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com