Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83910AN Datasheet(PDF) 3 Page - Texas Instruments

Part # DP83910AN
Description  DP83910A CMOS SNI Serial Network Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AN Datasheet(HTML) 3 Page - Texas Instruments

  DP83910AN Datasheet HTML 1Page - Texas Instruments DP83910AN Datasheet HTML 2Page - Texas Instruments DP83910AN Datasheet HTML 3Page - Texas Instruments DP83910AN Datasheet HTML 4Page - Texas Instruments DP83910AN Datasheet HTML 5Page - Texas Instruments DP83910AN Datasheet HTML 6Page - Texas Instruments DP83910AN Datasheet HTML 7Page - Texas Instruments DP83910AN Datasheet HTML 8Page - Texas Instruments DP83910AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
20 Block Diagram
TLF9365 – 2
30 Functional Description
The DP83910A consists of five main logical blocks
a) The oscillator generates the 10 MHz transmit clock signal
for system timing
b) The Manchester encoder accepts NRZ data from the
controller encodes the data to Manchester and trans-
mits it differentially to the transceiver through the differ-
ential transmit driver
c) The Manchester decoder receives Manchester data from
the transceiver converts it to NRZ data and clock pulses
and sends it to the controller
d) The collision translator indicates to the controller the
presence of a valid 10 MHz collision signal to the PLL
e) The loopback circuitry when asserted routes the data
from the Manchester encoder back to the PLL decoder
31 OSCILLATOR
The oscillator is controlled by a 20 MHz parallel resonant
crystal connected between X1 and X2 or by an external
clock on X1 The 20 MHz output of the oscillator is divided
by 2 to generate the 10 MHz transmit clock for the control-
ler The oscillator also provides internal clock signals to the
encoding and decoding circuits
If a crystal is connected to the DP83910A it is recommend-
ed that the circuit shown in
Figure 1 be used and that the
components used meet the following
Crystal XT1 AT cut parallel resonant crystal
Series Resistance s10X
Specified Load Capacitance 135 pF
Accuracy 0005% (50 ppm)
C1 C2 Load Capacitor 27 pF
The resistor R1 in
Figure 1 may be required in order to
minimize frequency drift due to changes in the VCC supply
voltage If R1 is required it’s value must be carefully select-
ed R1 decreases the loop gain Thus if R1 is made too
large the loop gain will be greatly reduced and the crystal
will not oscillate If R1 is made too small normal variations
in the VCC may cause the oscillation frequency to drift out of
specification As the first rule of thumb the value of R1
TLF9365 – 15
Note 1
The resistor R1 may be required in order to minimize frequency drift
due to changes in the VCC See text description
FIGURE 1 Crystal Connection to DP83910A
(see text for component values)
should be made equal to five times the motional resistance
of the crystal
The motional resistance of 20 MHz crystals is usually in the
range of 10X to 30X This implies that a reasonable value
for R1 should be in the range of 50X – 150X
The decision of whether or not to include R1 should be
based upon measured variations of crystal frequency as
each of the circuit parameters is varied
According to the IEEE 8023 standard the entire oscillator
circuit (crytsal and amplifier) must be accurate to 001%
When using a crystal the X1 pin is not guaranteed to pro-
vide a TTL compatible logic output and should not be used
to drive external standard logic If additional logic needs to
be driven then an external oscillator should be used as
described in the following
32 OSCILLATOR MODULE OPERATION
If the designer wishes to use a crystal clock oscillator one
that provides the following should be employed
1) TTL or CMOS output with a 001% frequency tolerance
2) 40% – 60% duty cycle
3) t2 TTL load output drive (IOL e 32 mA)
2


Similar Part No. - DP83910AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83910AN NSC-DP83910AN Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
More results

Similar Description - DP83910AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
DP8391A NSC-DP8391A Datasheet
190Kb / 12P
   SNI Serial Network Interface
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
   Serial Network Interface Controller
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
Renesas Technology Corp
82C52 RENESAS-82C52 Datasheet
1,003Kb / 21P
   CMOS Serial Controller Interface
logo
Intersil Corporation
82C52 INTERSIL-82C52 Datasheet
398Kb / 20P
   CMOS Serial Controller Interface
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com