Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83910AN Datasheet(PDF) 8 Page - Texas Instruments

Part # DP83910AN
Description  DP83910A CMOS SNI Serial Network Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AN Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP83910AN Datasheet HTML 4Page - Texas Instruments DP83910AN Datasheet HTML 5Page - Texas Instruments DP83910AN Datasheet HTML 6Page - Texas Instruments DP83910AN Datasheet HTML 7Page - Texas Instruments DP83910AN Datasheet HTML 8Page - Texas Instruments DP83910AN Datasheet HTML 9Page - Texas Instruments DP83910AN Datasheet HTML 10Page - Texas Instruments DP83910AN Datasheet HTML 11Page - Texas Instruments DP83910AN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
90 Switching Characteristics TA e 0 Cto70 C VCC e 5V g5%
Oscillator Specification
Symbol
Parameter
Min
Max
Units
tXTH
X1 to Transmit Clock High
5
30
ns
tXTL
X1 to Transmit Clock Low
5
30
ns
Transmit Timing (Start of Packet)
TLF9365 – 4
Transmit Specifications (Start of Packet)
Symbol
Parameter
Min
Max
Units
tTCh
Transmit Clock High Time (Note 1)
40
60
ns
tTCl
Transmit Clock Low Time (Note 1)
40
60
ns
tTCc
Transmit Clock Cycle Time (Note 1)
9999
10001
ns
tTCr
Transmit Clock Rise Time (20% to 80%) (CL e 30 pF)
8
ns
tTCf
Transmit Clock Fall Time (80% to 20%) (CL e 30 pF)
8
ns
tTEs
Transmit Enable Setup Time to Rising Edge of TXC (Note 1)
20
ns
tTDs
Transmit Data Setup Time from Rising Edge of TXC (Note 1)
20
ns
tTDh
Transmit Data Hold Time
0ns
from Rising Edge of TXC
tTOd
Transmit Output Delay from Rising Edge of TXC (Note 1)
65
ns
tTOf
Transmit Output Fall Time (80% to 20%)
7
ns
tTOr
Transmit Output Rise Time (20% to 80%)
7
ns
tTOj
Transmit Output Jitter
05 Typical
ns
Note 1
This parameter is measured using the fifty percent point of each clock edge
7


Similar Part No. - DP83910AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83910AN NSC-DP83910AN Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
More results

Similar Description - DP83910AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
DP8391A NSC-DP8391A Datasheet
190Kb / 12P
   SNI Serial Network Interface
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
   Serial Network Interface Controller
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
Renesas Technology Corp
82C52 RENESAS-82C52 Datasheet
1,003Kb / 21P
   CMOS Serial Controller Interface
logo
Intersil Corporation
82C52 INTERSIL-82C52 Datasheet
398Kb / 20P
   CMOS Serial Controller Interface
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com