Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV101 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV101
Description  PWM SOLENOID/VALVE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV101 Datasheet HTML 4Page - Texas Instruments DRV101 Datasheet HTML 5Page - Texas Instruments DRV101 Datasheet HTML 6Page - Texas Instruments DRV101 Datasheet HTML 7Page - Texas Instruments DRV101 Datasheet HTML 8Page - Texas Instruments DRV101 Datasheet HTML 9Page - Texas Instruments DRV101 Datasheet HTML 10Page - Texas Instruments DRV101 Datasheet HTML 11Page - Texas Instruments DRV101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DRV101
8
SBVS008B
www.ti.com
BASIC OPERATION
The DRV101 is a low-side, bipolar power switch employing
a pulse-width modulated (PWM) output for driving electro-
mechanical and thermal devices. Its design is optimized for
two types of applications; a two-state driver (open/close) for
loads such as solenoids and actuators, and a linear driver for
valves, positioners, heaters, and lamps. Its wide supply
range, adjustable delay to PWM mode, and adjustable duty
cycle make it suitable for a wide range of applications.
Figure 1 shows the basic circuit connections to operate the
DRV101. A 0.1
µF bypass capacitor is shown connected to
the power supply pin.
The Input (pin 1) is compatible with standard TTL levels.
Input voltages between +2.2V and +5.5V turn the device
output on, while pulling the pin low (0V to +1.2V), shuts the
DRV101 output off. Input current is typically 80
µA.
Delay Adjust (pin 2) and Duty Cycle Adjust (pin 3) allow
external adjustment of the PWM output signal. The Delay
Adjust pin can be left floating for minimum delay to PWM
mode (typically 15
µs) or a capacitor can be used to set the
delay time. Duty cycle of the PWM output can be controlled
FIGURE 1. Basic Circuit Connections and Timing Diagram.
by a resistor, analog voltage, or D/A converter. Figure 1b
provides an example timing diagram with the Delay Adjust
pin connected to 0.1
µF and duty cycle set for 25%. See the
“Delay Adjust” and “Duty Cycle Adjust” text for equations
and further explanation.
Ground (pin 4) is electrically connected to the package tab.
This pin must be connected to system ground for the
DRV101 to function. This serves as the load current path to
ground, as well as the DRV101 reference ground.
The load (solenoid, valve, etc.) is connected between the
supply (pin 5) and output (pin 6). For an inductive load, an
external diode across the output is required as shown in
Figure 1a. The diode serves to maintain the hold force during
PWM operation. For remotely located loads, the external
diode should be placed close to the DRV101 (Figure 1a). The
internal clamp diode between the output and ground should
not be used to carry load current.
The Flag (pin 7) provides fault status for under-current,
over-current, and thermal shutdown conditions. This pin is
active low with pin voltage typically +0.3V during a fault
condition. A small value capacitor may be needed between
Flag and ground for noisy applications.
R
PWM
C
D
Delay
Adjust
Input
(TTL-Compatible)
On
Off
Thermal Shutdown
Over/Under Current
Flag
Load
Duty Cycle Adjust
V
S
24kHz
Oscillator
PWM
23
1
75
6
4
Gnd
Out
(electrically
connected to
tab)
Delay
0.1
µF
(a)
(b)
t
P
t
ON
OUTPUT
V
S
0
INPUT
+2.2V to +5.5V
0V to +1.2V
Duty Cycle =
= 25%
t
ON
t
P
R
PWM = 130kΩ
t
ON ≈ 10.4µs
t
P ≈ 41.6µs (1/24kHz)
Basic Circuit Connections
Simplified Timing Diagram
C
D = 0.1µF (95ms constant dc output before PWM)
R
PWM = 130kΩ
(1)
NOTE: (1) External flyback diode required for inductive loads to conduct load current during the off cycle.
For remotely located loads, diode should be placed close to the DRV101.
Motorola MSRS1100T3 (1A, 100V), MBRS360T3 (3A, 60V)
C
D = 0.1µF
95ms
• • •
• • •
Initial dc Output
(set by value
of C
D)
PWM Mode
(resistor or voltage
controlled)


Similar Part No. - DRV101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
DRV101F BURR-BROWN-DRV101F Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
DRV101T BURR-BROWN-DRV101T Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI1-DRV102_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com