Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV101F Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV101F
Description  PWM SOLENOID/VALVE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV101F Datasheet(HTML) 3 Page - Texas Instruments

  DRV101F Datasheet HTML 1Page - Texas Instruments DRV101F Datasheet HTML 2Page - Texas Instruments DRV101F Datasheet HTML 3Page - Texas Instruments DRV101F Datasheet HTML 4Page - Texas Instruments DRV101F Datasheet HTML 5Page - Texas Instruments DRV101F Datasheet HTML 6Page - Texas Instruments DRV101F Datasheet HTML 7Page - Texas Instruments DRV101F Datasheet HTML 8Page - Texas Instruments DRV101F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DRV101
3
SBVS008B
www.ti.com
CONNECTION DIAGRAMS
Top Front View
TO-220, DDPAK
Supply Voltage, VS .............................................................................. 60V
Input Voltage .......................................................................... –0.2V to VS
PWM Adjust Input .................................................................. –0.2V to VS
Delay Adjust Input ................................................ –0.2V to VS (24V max)
Operating Temperature Range ...................................... –40
°C to +125°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s)(2) ........................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Vapor-phase or IR reflow techniques are recom-
mended for soldering the DRV101F surface-mount package. Wave soldering
is not recommended due to excessive thermal shock and “shadowing” of
nearby devices.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.
7-Lead
Stagger-Formed
TO-220
NOTE: Tabs are electrically connected to ground (pin 4).
123 4 5 6 7
7-Lead
DDPAK
Surface-Mount
PWM
PWM
Gnd
Out
V
S
Delay
In
123 4 5 6
Flag
Gnd
Out
V
S
Delay
In
Flag
7
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Ordering Addendum at the end of this data sheet.


Similar Part No. - DRV101F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101F BURR-BROWN-DRV101F Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV101F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI1-DRV102_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com