Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV102FKTWT Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV102FKTWT
Description  PWM SOLENOID/VALVE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV102FKTWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV102FKTWT Datasheet HTML 3Page - Texas Instruments DRV102FKTWT Datasheet HTML 4Page - Texas Instruments DRV102FKTWT Datasheet HTML 5Page - Texas Instruments DRV102FKTWT Datasheet HTML 6Page - Texas Instruments DRV102FKTWT Datasheet HTML 7Page - Texas Instruments DRV102FKTWT Datasheet HTML 8Page - Texas Instruments DRV102FKTWT Datasheet HTML 9Page - Texas Instruments DRV102FKTWT Datasheet HTML 10Page - Texas Instruments DRV102FKTWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DRV102
7
SBVS009B
www.ti.com
TYPICAL PERFORMANCE CURVES (CONT)
At TC = +25°C and VS = +24V, unless otherwise noted.
OUTPUT LEAKAGE CURRENT vs TEMPERATURE
–75
–55
–35
–15
5
25
45
65
85
105
125
Temperature (
°C)
–200
–175
–150
–125
–100
–75
Output Transistor Off
V
O = 0V
V
S = +60V
V
S = +8V
V
S = +24V
NOMINAL DELAY TIME TO PWM vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
Temperature (
°C)
103
101
99
97
95
93
91
C
D = 0.1µF
V
S = +8V
V
S = +24V
V
S = +60V
CURRENT LIMIT
PRODUCTION DISTRIBUTION
Current Limit (A)
40
35
30
25
20
15
10
5
0
Typical distribution
of packaged units.
DRV102F and
DRV102T included.
2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4
DELAY TIME TO PWM
PRODUCTION DISTRIBUTION
Delay Time to PWM (ms)
60
50
40
30
20
10
0
Typical distribution
of packaged units.
DRV102F and
DRV102T included.
C
D = 0.1µF
80 82 84
86
88 90 92 94 96 98 100 102 104 106 108 110
DUTY CYCLE ACCURACY
PRODUCTION DISTRIBUTION
Duty Cycle Accuracy (%)
30
25
20
15
10
5
0
Typical distribution
of packaged units.
DRV102F and
DRV102T included.
Nominal Duty Cycle = 49%
R
PWM = 25.5kΩ
–7
–6
–5
–4 –3
–2
–1
0
12
3
4
56
7


Similar Part No. - DRV102FKTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV102FKTWT TI-DRV102FKTWT Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV102FKTWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101_15 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com