Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA756 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRA756
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA756 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRA756 Datasheet HTML 7Page - Texas Instruments DRA756 Datasheet HTML 8Page - Texas Instruments DRA756 Datasheet HTML 9Page - Texas Instruments DRA756 Datasheet HTML 10Page - Texas Instruments DRA756 Datasheet HTML 11Page - Texas Instruments DRA756 Datasheet HTML 12Page - Texas Instruments DRA756 Datasheet HTML 13Page - Texas Instruments DRA756 Datasheet HTML 14Page - Texas Instruments DRA756 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 443 page
background image
11
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
www.ti.com
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-1. Unused Balls Specific Connection Requirements (continued)
Balls
Connection Requirements
AB17
These balls must be connected to F22 (porz) if unused
NOTE
All other unused signal balls with a Pad Configuration Register can be left unconnected with
their internal pullup or pulldown resistor enabled.
NOTE
All other unused signal balls without Pad Configuration Register can be left unconnected.
4.2
Ball Characteristics
Table 4-2 describes the terminal characteristics and the signals multiplexed on each ball. The following list
describes the table column headers:
1. BALL NUMBER: Ball number(s) on the bottom side associated with each signal on the bottom.
2. BALL NAME: Mechanical name from package device (name is taken from muxmode 0).
3. SIGNAL NAME: Names of signals multiplexed on each ball (also notice that the name of the ball is the
signal name in muxmode 0).
NOTE
Table 4-2 does not take into account the subsystem multiplexing signals. Subsystem
multiplexing signals are described in Section 4.4, Signal Descriptions.
NOTE
In the Driver off mode, the buffer is configured in high-impedance.
4. 74x: This column shows if the functionality is applicable for DRA74x devices. Note that the ball
characteristics table presents the functionality of DRA75x device. An empty box means "Yes".
5. MUXMODE: Multiplexing mode number:
(a) MUXMODE 0 is the primary mode; this means that when MUXMODE=0 is set, the function
mapped on the pin corresponds to the name of the pin. The primary muxmode is not necessarily
the default muxmode.
NOTE
The default mode is the mode at the release of the reset; also see the RESET REL.
MUXMODE column.
(b) MUXMODE 1 through 15 are possible muxmodes for alternate functions. On each pin, some
muxmodes are effectively used for alternate functions, while some muxmodes are not used. Only
MUXMODE values which correspond to defined functions should be used.
6. TYPE: Signal type and direction:
I = Input
O = Output
IO = Input or Output
D = Open drain
DS = Differential Signaling
A = Analog
PWR = Power


Similar Part No. - DRA756

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA756 TI1-DRA756 Datasheet
101Kb / 5P
[Old version datasheet]   SoC Processors for Automotive Infotainment Technical Brief
DRA756BPGABCQ1 TI1-DRA756BPGABCQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA756PPIGABZQ1 TI1-DRA756PPIGABZQ1 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA756PPIGABZQ1 TI1-DRA756PPIGABZQ1 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA756PPIGABZRQ1 TI1-DRA756PPIGABZRQ1 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
More results

Similar Description - DRA756

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com