Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28550DRZR-R1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 4Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 5Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 6Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 9Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 10Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 11Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics: Integrating ADC (Coulomb Counter) Characteristics (continued)
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS(SR)
Input offset
10
µV
INL
Integral nonlinearity error
±0.007
±0.034
FSR(1)
Effective input
ZIN(SR)
2.5
M
resistance(2)
Ilkg(SR)
Input leakage current(2)
0.3
µA
(1)
Full-scale reference
(2)
Specified by design. Not production tested.
6.12 Electrical Characteristics: ADC (Temperature and Cell Voltage) Characteristics
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(ADC)
Input voltage range
–0.2
1
V
Conversion time
125
ms
tCONV(ADC)
Resolution
14
15
bits
VOS(ADC)
Input offset
1
mV
Effective input
Z(ADC1)
8
M
resistance (TS) (1)
bq28550-R1 is not measuring cell voltage.
8
M
Effective input
Z(ADC2)
resistance (BAT) (1)
bq28550-R1 is measuring cell voltage.
100
k
Ilkg(ADC)
Input leakage current (1)
0.3
µA
(1)
Specified by design. Not production tested.
6.13 Electrical Characteristics: Data Flash Memory Characteristics
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention (1)
10
Years
tDR
Flash programming
20,000
Cycles
write-cycles (1)
Word programming time
tWORDPROG
2
ms
(1)
Flash-write supply
ICCPROG
5
10
mA
current (1)
(1)
Specified by design. Not production tested.
6.14 Electrical Characteristics: Serial Communication Timing Characteristics
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted).
Capacitance on serial interface pins SCL and SDA are 10 pF unless otherwise specified
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width (high)
600
ns
tw(L)
SCL pulse width (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
Start to first falling edge
td(STA)
600
ns
of SCL
tsu(DAT)
Data setup time
1
μs
th(DAT)
Data hold time
0
ns
(1)
Parameters assured by worst case test program execution in fast mode.
8
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1


Similar Part No. - BQ28550DRZR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq28550DRZR TI1-bq28550DRZR Datasheet
582Kb / 33P
[Old version datasheet]   bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
More results

Similar Description - BQ28550DRZR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
[Old version datasheet]   bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com