Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29311PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29311PW
Description  FOUR-CELL LITHIUM-ION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29311PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ29311PW Datasheet HTML 7Page - Texas Instruments BQ29311PW Datasheet HTML 8Page - Texas Instruments BQ29311PW Datasheet HTML 9Page - Texas Instruments BQ29311PW Datasheet HTML 10Page - Texas Instruments BQ29311PW Datasheet HTML 11Page - Texas Instruments BQ29311PW Datasheet HTML 12Page - Texas Instruments BQ29311PW Datasheet HTML 13Page - Texas Instruments BQ29311PW Datasheet HTML 14Page - Texas Instruments BQ29311PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
bq29311
SLUS487D − DECEMBER 2001 − REVISED NOVEMBER 2003
www.ti.com
11
CALIBRATION OF CELL VOLTAGE MONITOR
AMPLIFIER GAIN
The cell voltage monitor amplifier has an offset, which can
be calibrated to increase accuracy.
The following procedure shows how to measure and
calculate the offset:
1.
Set CAL2=0, CAL1=1, VM1=0, VM0=0
The output voltage includes the offset and is
represented by
VOUT1 = 0.975 + (1 + K) × VOS (V)
where K = VCELL scaling factor
VOS = offset voltage at input of the internal op-amp
2.
Set CAL2=1, CAL1=0, VM1=0, VM0=0
The output voltage includes the scale factor error and
offset and is represented by
VOUT2 = 0.975 + (1 + K) × VOS – K × 0.975 (V)
3.
Calculate (VOUT1 – VOUT2)/0.975
The result is the actual scaling factor, KACT and is
represented by
KACT = (VOUT1–V OUT2)/0.975 = (0.975 + (1 + K) ×
VOS) − (0.975 + (1 + K) × VOS – K × 0.975)/0.975
= K
× 0.975/0.975 = K
4.
Calculate the actual offset value where
VOS(ACT) = (VOUT1 – 0.975)/(1 + KACT)
5.
Calibrated cell voltage is calculated by
VCn − VC(n+1) = [0.975 + (1 + KACT ) × VOS(ACT)
VCELLOUT]/KACT
CELL BALANCE CONTROL
The cell balance control allows a small discharge to be
controlled for any one series element. The purpose of this
discharge is to bring the series elements to the same
voltage. Series resistors placed between the input pins
and the positive series element nodes control the
discharge current value.
Individual series element selection is made using
CELL_SEL (b4...b7). Cell balance discharge is also
disabled if bits CELL_SEL (b4...b7) are zero. When all
CELL_SEL (b4
…b7) bits are set to 1, then all series
elements are discharged.
DSG AND CHG FET DRIVER CONTROL
The bq29311 drives the FET off if an OC or SC safety
threshold is breached. The host can force any FET on or
off only if the bq29311 integrated protection control allows.
The DSG and CHG FET drive gate-to-drain voltage is
clamped to 15 V (max) and 11 V (typ).
The default-state of the FET drive is off. A host can control
the FET drive by programming CONTROL (b1...b2) where
b1 is used to control the external discharge FET and b2 is
used to control the external charge FET. These controls
are valid only when shutdown is not active.
PCHG FET DRIVER CONTROL
The PCHG FET is used when the battery is under voltage,
allowing limited conditioning current modes such as
pre-charge and 0 V charging. At startup of the bq29311
(charger connected to battery pack), PCHG is clamped to
3.5 V when VPACK is 3.8 V to 5.25 V. Thus the actual
VPACK voltage is decided with this PCHG clamp voltage
and the VGS(gate-source voltage) of external precharge
FET. When VPACK is over 5.25 V, PCHG voltage would
be controlled to two-thirds of VPACK.
The default state of PCHG is on. There are two methods
to pull up PCHG to turn off precharge FET. One is through
the control register via serial communication. Setting b3 in
the control register to 1 turns off the precharge FET.
Another method is to use CNTL. Floating CNTL or pulling
CNTL up to VREG turns off the precharge FET and also
the CHG and DSG FETs.
Overcurrent, overload, and short-circuit detection is not
applied during precharge operations. An external resistor
located in series with the external precharge FET limits the
current flow for precharge operations.
VPACK − Pack Positive Voltage − V
0
5.25
10
15
20
25
5.0
30
10.0
15.0
20.0
3.5
16.7
3.8
Figure 3. PCHG Drive Output vs. Pack Voltage
(Design Simulation)
Not Recommended for New Designs


Similar Part No. - BQ29311PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311PW TI-BQ29311PW Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29311PWR TI-BQ29311PWR Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
More results

Similar Description - BQ29311PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com