Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29400 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29400
Description  VOLTAGE PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29400 Datasheet(HTML) 1 Page - Texas Instruments

  BQ29400 Datasheet HTML 1Page - Texas Instruments BQ29400 Datasheet HTML 2Page - Texas Instruments BQ29400 Datasheet HTML 3Page - Texas Instruments BQ29400 Datasheet HTML 4Page - Texas Instruments BQ29400 Datasheet HTML 5Page - Texas Instruments BQ29400 Datasheet HTML 6Page - Texas Instruments BQ29400 Datasheet HTML 7Page - Texas Instruments BQ29400 Datasheet HTML 8Page - Texas Instruments BQ29400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
FUNCTION
APPLICATIONS
DESCRIPTION
1
2
3
4
8
7
6
5
VC1
VC2
VC3
GND
OUT
VDD
CD
VC4
PW PACKAGE
(TOP VIEW)
GND
OUT
VDD
CD
VC4
VC1
VC3
1
2
VC2
3
4
5
6
7
8
DCT PACKAGE
(TOP VIEW)
bq29400, bq29400A
bq29401, bq29405
SLUS568C – JULY 2003 – REVISED SEPTEMBER 2005
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
(2nd PROTECTION)
2-, 3-, or 4-Cell Secondary Protection
Each cell in a multiple cell pack is compared to an
internal reference voltage. If one cell reaches an
Low Power Consumption ICC < 2 µA
overvoltage
condition,
the
protection
sequence
[VCELL(ALL) < V(PROTECT)]
begins. The bq2940x device starts charging an
High Accuracy Over Sense Voltage:
external capacitor through the CD pin. When the CD
– bq29400: 4.35 V
±25 mV
pin voltage reaches 1.2 V, the OUT pin changes from
a low level to a high level.
– bq29400A: 4.40 V
±25 mV
– bq29401: 4.45 V
±25 mV
– bq29405: 4.65 V
±25 mV
Prefixed Protection Threshold Voltage
Programmable Delay Time
High Power Supply Ripple Rejection
Stable During Pulse Charge Operation
2nd Level Protection in Lion Battery Packs in
– Notebook PCs
– Portable Instrumentation
– Medical and Test Equipment
The bq29400, bq29400A, bq29401, and bq29405 are
BiCMOS secondary protection ICs for 2-, 3-, or 4-cell
Lithium-Ion
battery
packs
that
incorporate
a
high-accuracy precision over voltage detection circuit.
They include a programmable delay circuit for over
voltage detection time.
ORDERING INFORMATION
PACKAGE
TA
V(PROTECT)
MSSOP (DCT3)
SYMBOL
TSSOP (PW)(1)
SYMBOL
4.35 V
bq29400DCT3
CIQ
bq29400PW
2400
4.40 V
bq29400ADCT3
CIT
Not Available
-
–25
°C to 85°C
4.45 V
bq29401DCT3
CIR
bq29401PW
2401
4.65 V
bq29405DCT3
CIS
Not Available
-
(1)
The bq29400, bq29400A, bq29401, and bq29405 are available taped and reeled. Add an R suffix to the device type (e.g.,
bq29400PWR) to order tape and reel version.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs:
bq29400, bq29400A, bq29405


Similar Part No. - BQ29400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
BQ29400A TI-BQ29400A Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
BQ29400ADCT3 TI-BQ29400ADCT3 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
BQ29400ADCT3R TI-BQ29400ADCT3R Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
BQ29400DCT3 TI-BQ29400DCT3 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
More results

Similar Description - BQ29400

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESO01000 CELDUC-ESO01000 Datasheet
866Kb / 4P
   VOLTAGE PROTECTION VOLTAGE PROTECTION
logo
Texas Instruments
BQ29440 TI1-BQ29440_13 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29410 TI1-BQ29410_15 Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
logo
IXYS Corporation
IXBOD1-25R IXYS-IXBOD1-25R Datasheet
258Kb / 8P
   Transient voltage protection
logo
Megawin Technology Co.,...
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
MG39134AH MEGAWIN-MG39134AH Datasheet
259Kb / 11P
   Over voltage protection
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
ENP2224B ETC2-ENP2224B Datasheet
215Kb / 2P
   Over Voltage Protection
ENP-2320 ETC2-ENP-2320 Datasheet
251Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com