Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA756BPGABCRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRA756BPGABCRQ1
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA756BPGABCRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  DRA756BPGABCRQ1 Datasheet HTML 1Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 2Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 3Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 4Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 5Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 6Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 7Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 8Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 443 page
background image
5
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
www.ti.com
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
Revision History
Copyright © 2015–2016, Texas Instruments Incorporated
2
Revision History
Changes from December 18, 2015 to April 14, 2016 (from * Revision (December 2015) to A Revision)
Page
Device security features are added in Device Overview section
............................................................... 1
Added ”Related Products” section
.................................................................................................. 9
Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-2 Ball Characteristics
. 13
Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-5 DSS Signal
Descriptions
........................................................................................................................ 103
Signal Descriptions updated to remove redundancy
.......................................................................... 106
Text in ESD Ratings table clarified
.............................................................................................. 141
Note (5) in Table 5-7 is updated
................................................................................................. 148
Added “Power Consumption Summary” section
............................................................................... 167
Notes 9, 12 and 13 in Figure 5-1 are updated
................................................................................. 180
Notes 9, 12 and 13 in Figure 5-4 are updated
................................................................................. 187
Fixed some of the descriptions on GPMC and QSPI Manual Modes names in Table 7-2 “Modes Summary”
....... 205
Added new Manual Modes for: VOUT1, VOUT2 IOSET1, VOUT2 IOSET2 and VOUT3. Removed
DSS_VIRTUAL1
................................................................................................................... 205
New Timing information available for: Video Input Ports (VIP), Display Subsystem – Video Output Ports,
Multichannel Serial Peripheral Interface (MCSPI), Quad Serial Peripheral Interface (QSPI) and eMMC/SD/SDIO.
. 205
Corrected references for McASP Virtual modes in Table 7-2 “Modes Summary”
........................................ 205
Removed all vin4b_* signals from Table 7-9 Manual Functions Mapping for VIP2
....................................... 216
A caution and two notes are added in “Display Subsystem – Video Output Ports“ section stating that VOUT
signals are recommended to use the default SLEWCONTROL settings. Slow SLEWCONTROL should be used
instead.
.............................................................................................................................. 226
Flipped the "Parameter" entries for D5 and D6 in Table 7-16
............................................................... 226
Added footnotes to the vout3_* signals which muxed on vddshv6 power balls in Table 7-18 VOUT3 IOSETs.
..... 229
A new caution is added in “Quad Serial Peripheral Interface” subsection
................................................. 272
QSPI time value Q7 direction on Figure 7-37 through Figure 7-40 is updated to start prior CS
....................... 274
Added Table 7-53 through Table 7-60 to clarify the MCASP Virtual Timing Mode usage
............................... 284
An update is performed in the “Peripheral Component Interconnect Express (PCIe)” section.
......................... 300
Updated information for TPS65917 as supported PMIC
..................................................................... 367
Aligning "Device and Documentation Support" section with new flow
...................................................... 434
Аdded SR 2.0 in Table 9-1
....................................................................................................... 435
Added ”Related Links” section
................................................................................................... 437


Similar Part No. - DRA756BPGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA756BPGABCQ1 TI1-DRA756BPGABCQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA756BPGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com