Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA756BPGABCRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # DRA756BPGABCRQ1
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA756BPGABCRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRA756BPGABCRQ1 Datasheet HTML 6Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 7Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 8Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 9Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 10Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 11Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 12Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 13Page - Texas Instruments DRA756BPGABCRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 443 page
background image
10
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Terminal Assignment
Figure 4-1 shows the ball locations for the 760 plastic ball grid array (PBGA) package and are used in
conjunction with Table 4-2 through Table 4-34 to locate signal names and ball grid numbers.
Figure 4-1. ABC S-PBGA-N760 Package (Bottom View)
NOTE
The following bottom balls are not connected: AF7 / AF10 / AF13 / AF16 / AF19 / AE4 /
AE25 / AB26 / W3 / W26 / T3 / T26 / N3 / N26 / K3 / K26 / G3 / D4 / D25 / C10 / C13 / C16 /
C19 / C22.
These balls do not exist on the package.
4.1.1
Unused Balls Connection Requirements
This section describes the Unused/Reserved balls connection requirements.
NOTE
The following balls are reserved: A27 / K14 / Y5 / Y10 / B28
These balls must be left unconnected.
NOTE
All unused power supply balls must be supplied with the voltages specified in the
Section 5.4, Recommended Operating Conditions, unless alternative tie-off options are
included in Section 4.4, Signal Descriptions.
Table 4-1. Unused Balls Specific Connection Requirements
Balls
Connection Requirements
AE15 / AC15 / AE14 / D20 / AD17 / AC17 / AC16 / AB16 / V27
These balls must be connected to GND through an external pull
resistor if unused
E20 / D21 / E23 / C20 / C21 / AF14 / V28 / F18
These balls must be connect to the corresponding power supply
through an external pull resistor if unused


Similar Part No. - DRA756BPGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA756BPGABCQ1 TI1-DRA756BPGABCQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA756BPGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com