Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29312ARTHR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312ARTHR
Description  FOUR-CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312ARTHR Datasheet(HTML) 5 Page - Texas Instruments

  BQ29312ARTHR Datasheet HTML 1Page - Texas Instruments BQ29312ARTHR Datasheet HTML 2Page - Texas Instruments BQ29312ARTHR Datasheet HTML 3Page - Texas Instruments BQ29312ARTHR Datasheet HTML 4Page - Texas Instruments BQ29312ARTHR Datasheet HTML 5Page - Texas Instruments BQ29312ARTHR Datasheet HTML 6Page - Texas Instruments BQ29312ARTHR Datasheet HTML 7Page - Texas Instruments BQ29312ARTHR Datasheet HTML 8Page - Texas Instruments BQ29312ARTHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
T
A = 25°C, C(REG) = 4.7 µF, BAT = 14 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
OVERLOAD (OL) AND SHORT-CIRCUIT (SC) DETECTION
VOL
OL detection threshold range, typical(1)
–50
–205
mV
∆V
OL
OL detection threshold program step
5
mV
VHYS(OL)
OL detection threshold hysteresis
7
10
13
mV
Charge
100
475
V(SC)
SC detection threshold range, typical(2)
mV
Discharge
–100
–475
Charge
25
∆V
(SC)
SC detection threshold program step
mV
Discharge
–25
VHYS(SC)
SC detection threshold hysteresis
Charge and Discharge
40
50
60
mV
VOL = 50 mV (min)
40
50
60
V(OL_acr)
OL detection threshold accuracy(1)
Discharge
VOL = 100 mV
90
100
110
mV
VOL = 205 mV (max)
184
205
226
VSC = 100 mV (min)
80
100
120
V(SC_acr)
SC detection threshold accuracy(2)
Charge and Discharge
VSC = 200 mV
180
200
220
mV
VSC = 475 mV (max)
426
475
523
FET DRIVE CIRCUIT
V(FETOND)= V(BAT)– V(DSG)VGS connect 1 MΩ
BAT= 20 V
12
15
18
Output voltage, charge, and discharge
V(FETON)
V
FETs on
V(FETONC)=V(PACK)– V(CHG)VGS connect 1 MΩ PACK = 20 V
12
15
18
V(ZCHG)
ZVCHG clamp voltage
PACK= 4.5 V
3.3
3.5
3.7
V
V(FETOFF)= V(PACK)– V(DSG)
PACK= 16 V
0.2
Output voltage, charge and discharge
V(FETOFF)
V
FETs off
V(FETOFF)=V(BAT)– V(CHG)
BAT = 16 V
0.2
VDSG :10%–90%
40
200
tr
Rise time
CL = 4700 pF
µs
VCHG :10%–90%
40
200
VDSG :90%–10%
40
200
tf
Fall time
CL = 4700 pF
µs
VCHG :90%–10%
40
200
THERMISTOR DRIVE
IO = –1 mA at TOUT pin, rds(ON) = (VREG– VO (TOUT))/1 mA,
rDS(on)
TOUT pass-element series resistance
50
100
TA = –25°C to 85°C
LOGIC
XALERT
TA = –25°C to 85°C
60
100
200
R(PUP)
Internal pullup resistance
k
SDATA, SCLK,
TA = –25°C to 85°C
6
10
20
XALERT, IO = 200 µA,
TA = –25°C to 85°C
0.2
VOL
Logic level output voltage
SDATA, IO = 50 µA,
TA = –25°C to 85°C
0.4
V
OD IO=1 mA,
TA = –25°C to 85°C
0.6
(1)
See OL register for setting detection threshold
(2)
See SC register for setting detection threshold
5


Similar Part No. - BQ29312ARTHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312ARTHR TI-BQ29312ARTHR Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312ARTHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com