Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29312ARTHR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312ARTHR
Description  FOUR-CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312ARTHR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ29312ARTHR Datasheet HTML 6Page - Texas Instruments BQ29312ARTHR Datasheet HTML 7Page - Texas Instruments BQ29312ARTHR Datasheet HTML 8Page - Texas Instruments BQ29312ARTHR Datasheet HTML 9Page - Texas Instruments BQ29312ARTHR Datasheet HTML 10Page - Texas Instruments BQ29312ARTHR Datasheet HTML 11Page - Texas Instruments BQ29312ARTHR Datasheet HTML 12Page - Texas Instruments BQ29312ARTHR Datasheet HTML 13Page - Texas Instruments BQ29312ARTHR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
Low-Dropout Regulator (REG)
Initialization
Overload Detection
Short-Circuit Detection
Overload and Short-Circuit Delay
Overload and Short-Circuit Response
bq29312A
SLUS629A – JANUARY 2005 – REVISED AUGUST 2005
The inputs for this regulator can be derived from the battery cell stack (BAT) or the pack positive terminal
(PACK). The output is typically 3.3 V with the minimum output capacitance for stable operation is 4.7 µF and is
also internally current limited. During normal operation, the regulator limits output current to typically 50 mA.
The bq29312A internal control circuit is powered by the REG voltage, which it also monitors. When the voltage at
REG falls below 2.3 V, the internal circuit turns off the FETs and disables all controllable functions, including the
REG and TOUT outputs. REG does not start up unless a voltage above V(STARTUP) is supplied to the PACK
terminal. After the regulator has started, based on PACK voltage, it keeps operating through the BAT input, even
if the PACK voltage is removed. If the BAT input is below the minimum operating range, then the bq29312A does
not operate if the supply to the PACK input is removed. After start up, when the REG voltage is above 2.4 V, the
bq29312A is in Normal mode.
The initial state of the CHG output depends on the PMS input. If PMS = PACK, then CHG = ON, however, if
PMS = GND, then CHG = OFF.
The overload detection is used to detect abnormal currents in the discharge direction. This feature is used to
protect the pass FETs, cells and any other inline components from excessive current conditions. The detection
circuit also incorporates a blanking delay before driving the control for the pass FETs to the OFF state. The
overload sense voltage is set in the OLV register, and delay time is set in the OLT register. The overload
threshold can be programmed from 50 mV to 205 mV in 5-mV steps with the default being 50 mV and hysteresis
of 10 mV.
The short current circuit detection is used to detect abnormal current in either the charge or discharge direction.
This safety feature is used to protect the pass FETs, cells, and any other inline components from excessive
current conditions. The detection circuit also incorporates a blanking delay before driving the control for the pass
FETs to the OFF state. The short-circuit thresholds and delay time are set in the SCC and SCD registers,
respectively, where SCC is for charging and SCD is for discharge. The short-circuit threshold can be
programmed from 100 mV to 475 mV in 25-mV steps with the default being 100 mV and hysteresis of 50 mV.
The overload delay (default =1 ms) allows the system to momentarily accept a high current condition without
disconnecting the supply to the load. The delay time can be increased via the OLT register, which can be
programmed for a range of 1 ms to 31 ms with steps of 2 ms.
The short-circuit delay (default = 0 µs) is programmable in the SCC and SCD registers. This register can be
programmed from 0 µs to 915 µs with steps of 61 µs.
When an overload or short-circuit fault is detected, the FETs are turned off. The STATUS (b0
…b2) register
reports the details of short-circuit (charge), short-circuit (discharge), and overload. The respective STATUS
(b0
…b2) bits are set to 1 and the XALERT output is triggered. This condition is latched until the CONTROL (b0)
is set and then reset. If a FET is turned on via resetting CONTROL (b0) and the error condition is still present on
the system, then the device reenters the protection response state.
10


Similar Part No. - BQ29312ARTHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312ARTHR TI-BQ29312ARTHR Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results

Similar Description - BQ29312ARTHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com