Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z100-G1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z100-G1
Description  Wide Range Fuel Gauge
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34Z100-G1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ34Z100-G1 Datasheet HTML 1Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 2Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 3Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 4Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 5Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 6Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 7Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 8Page - Texas Instruments BQ34Z100-G1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
4
bq34z100-G1
SLUSBZ5B – JANUARY 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: bq34z100-G1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VREGIN
Regulator Input Range
–0.3
5.5
V
VCC
Supply Voltage Range
–0.3
2.75
V
VIOD
Open-drain I/O pins (SDA, SCL, HDQ, VEN)
–0.3
5.5
V
VBAT
Bat Input pin
–0.3
5.5
V
VI
Input Voltage range to all other pins (P1, P2, SRP, SRN)
–0.3
VCC + 0.3
V
ESD
Human-body model (HBM), BAT pin
1.5
kV
Human-body model (HBM), all other pins
2
kV
TA
Operating free-air temperature range
–40
85
°C
TF
Functional temperature range
–40
100
°C
TSTG
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
–40
100
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
TA =–40°C to 85°C; Typical Values at TA = 25°C CLDO25 = 1.0 µF, and VREGIN = 3.6 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VREGIN
Supply Voltage
No operating restrictions
2.7
4.5
V
No FLASH writes
2.45
2.7
V
CREGIN
External input capacitor for
internal LDO between REGIN
and VSS
Nominal capacitor values specified.
Recommend a 10% ceramic X5R type
capacitor located close to the device.
0.1
μF
CLDO25
External output capacitor for
internal LDO between VCC and
VSS
0.47
1
μF
ICC
Normal operating-mode current
Gas Gauge in NORMAL mode,
ILOAD > Sleep Current
145
μA
ISLP
SLEEP operating-mode current
Gas Gauge in SLEEP mode,
ILOAD < Sleep Current
84
μA
ISLP+
FULLSLEEP operating-mode
current
Gas Gauge in FULL SLEEP mode,
ILOAD < Sleep Current
30
μA
VOL
Output voltage, low (SCL, SDA,
HDQ, VEN)
IOL = 3 mA
0.4
V
VOH(PP)
Output voltage, high
IOH = –1 mA
VCC – 0.5
V
VOH(OD)
Output voltage, high (SDA, SCL,
HDQ, VEN)
External pull-up resistor connected to VCC
VCC – 0.5
V
VIL
Input voltage, low
–0.3
0.6
V
VIH(OD)
Input voltage, high (SDA, SCL,
HDQ)
1.2
6
V
VA1
Input voltage range (TS)
VSS – 0.05
1
V
VA2
Input voltage range (BAT)
VSS – 0.125
5
V


Similar Part No. - BQ34Z100-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
More results

Similar Description - BQ34Z100-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
   Wide range air fuel sensor control interface
November 2014 Rev 3
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
Intersil Corporation
ISL6295CVZ INTERSIL-ISL6295CVZ Datasheet
286Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com