Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3287EMT Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ3287EMT
Description  Real-Time Clock (RTC) Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3287EMT Datasheet(HTML) 1 Page - Texas Instruments

  BQ3287EMT Datasheet HTML 1Page - Texas Instruments BQ3287EMT Datasheet HTML 2Page - Texas Instruments BQ3287EMT Datasheet HTML 3Page - Texas Instruments BQ3287EMT Datasheet HTML 4Page - Texas Instruments BQ3287EMT Datasheet HTML 5Page - Texas Instruments BQ3287EMT Datasheet HTML 6Page - Texas Instruments BQ3287EMT Datasheet HTML 7Page - Texas Instruments BQ3287EMT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
® Direct clock/calendar replace-
ment for IBM
® AT-compatible
computers and other applications
® Functionally compatible with
the
DS1287/DS1287A
and
MC146818A/ MC146818B
® 242 bytes of general nonvolatile
storage
® Provides a 32.768kHz output for
power management
® System wake-up capability—
alarm
interrupt
active
in
battery-backup mode
® Integral lithium cell and crystal
® 160 ns cycle time allows fast bus
operation
® 14 bytes for clock/calendar and
control
® Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
® Calendar in day of the week, day
of the month, months, and years
with automatic leap-year adjust-
ment
® Programmable square wave out-
put
® Three individually maskable in-
terrupt event flags:
- Periodic rates from 122µsto
500ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
® Better than one minute per
month clock accuracy
General Description
The CMOS bq3287E/bq3287EA is a
low-power microprocessor periph-
eral providing a time-of-day clock
and 100-year calendar with alarm
features and battery operation.
Other features include three
maskable interrupt sources, square-
wave output, and 242 bytes of gen-
eral
nonvolatile
storage.
A
32.768kHz output is available for
sustaining power-management ac-
tivities. Wake-up capability is pro-
vided by an alarm interrupt, which is
active in battery-backup mode. The
bq3287EA version is identical to the
bq3287E, with the addition of the
RAM clear input.
The bq3287E is a fully compatible
real-time clock for IBM AT-compatible
computers and other applications. The
bq3287E write-protects the clock, cal-
endar, and storage registers during
power failure. The integral backup en-
ergy source then maintains data and
operates the clock and calendar.
As shipped from Benchmarq, the
real time clock is turned off to maxi-
mize battery capacity for in-system
operation.
The bq3287E is functionally equiva-
lent to the bq3285E, except the bat-
tery (16,20) and crystal pins (2,3)
are not accessible. These pins are
connected internally to a coin cell
and quartz crystal. The coin cell is
sized to provide 10 years of data re-
tention and clock operation in the
absence of power. For a complete de-
scription of features, operating con-
ditions, electrical characteristics,
bus timing, and pin descriptions, see
the bq3285E data sheet.
1
Real-Time Clock (RTC) Module
bq3287E/bq3287EA
Sept. 1996 C
Pin Names
AD0–AD7 Multiplex address/data
input/output
MOT
CS
Chip select input
AS
Address strobe input
DS
Data strobe input
R/W
Read/write input
INT
Interrupt request output
1
PN3287E1.eps
24-Pin DIP Module
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
SQW
EXTRAM
NC
INT
RST
DS
NC
R/W
AS
CS
MOT
NC
NC
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
NC/RCL
RST
Reset input
SQW
Square wave output
EXTRAM
Extended RAM enable
NC
No connect
RCL
RAM clear input
(bq3287EA only)
VCC
+5V supply
VSS
Ground
Pin Connections
Not Recommended For New Designs


Similar Part No. - BQ3287EMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3287EMT TI-BQ3287EMT Datasheet
78Kb / 7P
[Old version datasheet]   Real-Time Clock RTC Module
More results

Similar Description - BQ3287EMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3287AMT-SB2 TI1-BQ3287AMT-SB2 Datasheet
318Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
BQ3287E TI-BQ3287E Datasheet
78Kb / 7P
[Old version datasheet]   Real-Time Clock RTC Module
BQ3287A TI1-BQ3287A Datasheet
305Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
BQ3287 TI-BQ3287 Datasheet
77Kb / 6P
[Old version datasheet]   Real-Time Clock RTC Module
logo
List of Unclassifed Man...
BQ3287 ETC2-BQ3287 Datasheet
116Kb / 8P
   Real-Time Clock (RTC) Module
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com