Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z651DBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z651DBT
Description  SBS 1.1-Compliant Gas Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34Z651DBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ34Z651DBT Datasheet HTML 5Page - Texas Instruments BQ34Z651DBT Datasheet HTML 6Page - Texas Instruments BQ34Z651DBT Datasheet HTML 7Page - Texas Instruments BQ34Z651DBT Datasheet HTML 8Page - Texas Instruments BQ34Z651DBT Datasheet HTML 9Page - Texas Instruments BQ34Z651DBT Datasheet HTML 10Page - Texas Instruments BQ34Z651DBT Datasheet HTML 11Page - Texas Instruments BQ34Z651DBT Datasheet HTML 12Page - Texas Instruments BQ34Z651DBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
bq34z651
www.ti.com
SLUSAL7
– AUGUST 2011
ELECTRICAL CHARACTERISTICS (continued)
Over operating free-air temperature range (unless otherwise noted), TA = –40°C to 85°C, V(REG25) = 2.41 V to 2.59 V,
V(BAT) = 14 V, C(REG25) = 1 µF, C(REG33) = 2.2 µF; typical values at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED OUTPUTS
VOL
Output low voltage
LED1, LED2, LED3, LED4, LED5
0.4
V
VCELL+ HIGH VOLTAGE TRANSLATION
VC(n)
– VC(n+1) = 0 V;
0.950
0.975
1
TA = –40°C to 100°C
V(VCELL+OUT)
VC(n)
– VC(n+1) = 4.5 V;
0.275
0.3
0.375
TA = –40°C to 100°C
Internal AFE reference voltage;
V(VCELL+REF)
Translation output
0.965
0.975
0.985
V
TA = –40°C to 100°C
Voltage at PACK pin;
0.98
×
1.02
×
V(VCELL+PACK)
V(PACK)/18
TA = –40°C to 100°C
V(PACK)/18
V(PACK)/18
Voltage at BAT pin;
0.98
×
1.02
×
V(VCELL+BAT)
V(BAT)/18
TA = –40°C to 100°C
V(BAT)/18
V(BAT)/18
CMMR
Common mode rejection ratio
VCELL+
40
dB
K= {VCELL+ output (VC5=0 V; VC4=4.5
V)
– VCELL+ output (VC5 = 0 V; VC4 =0
0.147
0.150
0.153
V)}/4.5
K
Cell scale factor
K= {VCELL+ output (VC2 = 13.5 V; VC1
= 18 V)
– VCELL+ output
0.147
0.150
0.153
(VC5 = 13.5 V; VC1 = 13.5 V)}/4.5
VC(n)
– VC(n+1) = 0 V; VCELL+ = 0 V;
I(VCELL+OUT)
Drive Current to VCELL+ capacitor
12
18
μA
TA = –40°C to 100°C
CELL output (VC2 = VC1 = 18 V)
– CELL
V(VCELL+O)
CELL offset error
–18
–1
18
mV
output (VC2 = VC1 = 0 V)
IVCnL
VC(n) pin leakage current
VC1, VC2, VC3, VC4, VC5 = 3 V
–1
0.01
1
μA
CELL BALANCING
RDS(on) for internal FET switch at
RBAL
Internal cell balancing FET resistance
200
400
600
VDS = 2 V; TA = 25°C
HARDWARE SHORT CIRCUIT AND OVERLOAD PROTECTION; TA = 25°C (unless otherwise noted)
VOL = 25 mV (min)
15
25
35
OL detection threshold voltage
V(OL)
VOL = 100 mV; RSNS = 0, 1
90
100
110
mV
accuracy
VOL = 205 mV (max)
185
205
225
V(SCC) = 50 mV (min)
30
50
70
SCC detection threshold voltage
V(SCC)
V(SCC) = 200 mV; RSNS = 0, 1
180
200
220
mV
accuracy
V(SCC) = 475 mV (max)
428
475
523
V(SCD) = –50 mV (min)
–30
–50
–70
SCD detection threshold voltage
V(SCD)
V(SCD) = –200 mV; RSNS = 0, 1
–180
–200
–220
mV
accuracy
V(SCD) = –475 mV (max)
–428
–475
–523
tda
Delay time accuracy
±15.25
μs
tpd
Protection circuit propagation delay
50
μs
FET DRIVE CIRCUIT; TA = 25°C (unless otherwise noted)
V(DSGON) = V(DSG) – V(PACK);
V(DSGON)
DSG pin output on voltage
V(GS) = 10 MΩ; DSG and CHG on;
8
12
16
V
TA = –40°C to 100°C
V(CHGON) = V(CHG) – V(BAT);
V(CHGON)
CHG pin output on voltage
V(GS) = 10 MΩ; DSG and CHG on;
8
12
16
V
TA = –40°C to 100°C
V(DSGOFF)
DSG pin output off voltage
V(DSGOFF) = V(DSG) – V(PACK)
0.2
V
V(CHGOFF)
CHG pin output off voltage
V(CHGOFF) = V(CHG) –V(BAT)
0.2
V
CL= 4700 pF; V(PACK) ≤ DSG ≤ V(PACK) +
400
1000
4 V
tr
Rise time
μs
CL= 4700 pF; V(BAT) ≤ CHG ≤ V(BAT) + 4 V
400
1000
CL= 4700 pF; V(PACK) + V(DSGON) ≤ DSG ≤
40
200
V(PACK) + 1 V
tf
Fall time
μs
CL= 4700 pF; V(BAT) + V(CHGON) ≤ CHG ≤
40
200
V(BAT) + 1 V
Copyright
© 2011, Texas Instruments Incorporated
9


Similar Part No. - BQ34Z651DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z651 TI1-BQ34Z651 Datasheet
669Kb / 28P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track??and External Battery Heater Control
More results

Similar Description - BQ34Z651DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95 TI1-BQ20Z95_14 Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80ADBTR TI1-BQ20Z80ADBTR Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com