Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8034AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD8034AR
Description  Low Cost, 80 MHz FastFET ??Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8034AR Datasheet HTML 3Page - Analog Devices AD8034AR Datasheet HTML 4Page - Analog Devices AD8034AR Datasheet HTML 5Page - Analog Devices AD8034AR Datasheet HTML 6Page - Analog Devices AD8034AR Datasheet HTML 7Page - Analog Devices AD8034AR Datasheet HTML 8Page - Analog Devices AD8034AR Datasheet HTML 9Page - Analog Devices AD8034AR Datasheet HTML 10Page - Analog Devices AD8034AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
AD8033/AD8034
–7–
FREQUENCY – MHz
0.1
100
110
8
6
4
–4
2
0
–2
–6
G = +1
CL = 100pF
CL = 100pF
RSNUB = 25
CL = 33pF
CL = 2pF
VO = 200mV p-p
TPC 7. Small Signal Frequency Response for
Various CLOAD (See Test Circuit 1)
9
8
0
7
6
2
5
4
3
1
0.1
100
110
FREQUENCY – MHz
CF = 0pF
CF = 1pF
CF = 1.5pF
CF = 2pF
VO = 200mV p-p
RF = 3k
G = +2
TPC 8. Small Signal Frequency Response for
Various RF/CF (See Test Circuit 2)
FREQUENCY – Hz
0.1
100
10
1
G = +2
G = +1
VO = 200mV p-p
0.01
100
1k
10k
100k
1M
10M
100M
TPC 9. Output Impedance vs. Frequency
(See Test Circuits 4 and 7)
FREQUENCY – MHz
0.1
100
110
10
9
0
8
7
6
5
4
3
2
1
CL = 100pF
G = +2
CL = 51pF
CL = 33pF
CL = 2pF
VO = 200mV p-p
TPC 10. Small Signal Frequency Response for
Various CLOAD (See Test Circuit 2)
FREQUENCY – MHz
0.1
100
110
8
7
0
6
5
1
4
3
2
RL = 1k
RL = 500
VO = 200mV p-p
G = +2
TPC 11. Small Signal Frequency Response for
Various RLOAD (See Test Circuit 2)
FREQUENCY – Hz
100
80
–20
40
20
0
60
100
10M
1k
10k
100k
1M
100M
180
150
0
90
60
30
120
VS = 12V
GAIN
PHASE
TPC 12. Open-Loop Response


Similar Part No. - AD8034AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034AR AD-AD8034AR Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR AD-AD8034AR Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL AD-AD8034AR-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL AD-AD8034AR-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034AR-REEL7 AD-AD8034AR-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

Similar Description - AD8034AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com