Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011YMA-70N Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ4011YMA-70N
Description  32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4011YMA-70N Datasheet(HTML) 4 Page - Texas Instruments

  BQ4011YMA-70N Datasheet HTML 1Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 2Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 3Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 4Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 5Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 6Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 7Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 8Page - Texas Instruments BQ4011YMA-70N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
bq4011/Y/LY
SLUS118A – MAY 1999 – REVISED MAY 2007
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of the datasheet, or see
the TI website at www.ti.com.
SELECTION GUIDE
MAXIMUM
NEGATIVE SUPPLY
NOMINAL INPUT
TEMPERATURE
DEVICE NUMBER
ACCESS
TOLERANCE
VOLTAGE
(
°C)
TIME (ns)
(%)
VCC (V)
bq4011MA-70
70
bq4011MA-150
150
-5
bq4011MA-200
200
bq4011YMA-70
70
0 to 70
bq4011YMA-100
100
5
bq4011YMA-150
150
bq4011YMA-200
200
-10
bq4011YMA-70N
70
bq4011YMA-150N
150
-40 to 85
bq4011LYMA-70N
70
3.3
PART NUMBERING
INPUT
NEGATIVE
PRODUCT
MEMORY
SPEED
TEMPERATURE
VOLTAGE
SUPPLY
PACKAGE
LINE
DENSITY
(ns)
°C
(V)
TOLERANCE (%)
bq40
11
L
Y
MA
70
N
10 = 8 k
× 8
Blank = 5
Blank = 5%
MA = DIP
70
Blank = Commercial
11 = 32 k
× 8
L= 3.3
Y = 10%
85
( 0 to 70)
13 = 128 k
× 8
100
14 = 256 k
× 8
120
N = Industrial
15 = 512 k
× 8
150
(-40 to 85)
16 = 1024 k
× 8
200
17 = 2048 k
× 8
4
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - BQ4011YMA-70N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011YMA-70N TI-BQ4011YMA-70N Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011YMA-70N TI-BQ4011YMA-70N Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4011YMA-70N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Cypress Semiconductor
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
STMicroelectronics
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com