Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4015YMA-85 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4015YMA-85
Description  512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4015YMA-85 Datasheet(HTML) 1 Page - Texas Instruments

  BQ4015YMA-85 Datasheet HTML 1Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 2Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 3Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 4Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 5Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 6Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 7Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 8Page - Texas Instruments BQ4015YMA-85 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32−Pin DIP Module
(TOP VIEW)
bq4015/Y/LY
www.ti.com
SLUS125B – MAY 1999 – REVISED JANUARY 2010
512 k × 8 NONVOLATILE SRAM (5 V, 3.3 V)
Check for Samples: bq4015/Y/LY
The control circuitry constantly monitors the single
1
FEATURES
supply for an out-of-tolerance condition. When VCC
Data Retention for at least 10 Years Without
falls out of tolerance, the SRAM is unconditionally
Power
write-protected
to
prevent
an
inadvertent
write
Automatic Write-Protection During
operation.
Power-up/Power-Down Cycles
At this time the integral energy source is switched on
Conventional SRAM Operation, Including
to sustain the memory until after VCC returns valid.
Unlimited Write Cycles
The bq4015/Y/LY uses extremely low standby current
Internal Isolation of Battery before Power
CMOS SRAMs, coupled with small lithium coin cells
Application
to provide nonvolatility without long write-cycle times
5-V or 3.3-V Operation
and
the
write-cycle
limitations
associated
with
EEPROM.
Industry Standard 32-Pin DIP Package
The bq4015/Y/LY requires no external circuitry and is
GENERAL DESCRIPTION
compatible with the industry-standard 4-Mb SRAM
pinout.
The
CMOS
bq4015/Y/LY
is
a
nonvolatile
4,194,304-bit static RAM organized as 524,288 words
by 8 bits. The integral control circuitry and lithium
energy source provide reliable nonvolatility coupled
with the unlimited write cycles of standard SRAM.
PIN CONNECTIONS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - BQ4015YMA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015YMA-85 TI-BQ4015YMA-85 Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015YMA-85 TI-BQ4015YMA-85 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015YMA-85 TI1-BQ4015YMA-85 Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015YMA-85N TI-BQ4015YMA-85N Datasheet
517Kb / 13P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015YMA-85N TI-BQ4015YMA-85N Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015YMA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
logo
Cypress Semiconductor
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com