Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ51221YFPT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51221YFPT
Description  Single Chip Wireless Power Receiver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ51221YFPT Datasheet(HTML) 3 Page - Texas Instruments

  BQ51221YFPT Datasheet HTML 1Page - Texas Instruments BQ51221YFPT Datasheet HTML 2Page - Texas Instruments BQ51221YFPT Datasheet HTML 3Page - Texas Instruments BQ51221YFPT Datasheet HTML 4Page - Texas Instruments BQ51221YFPT Datasheet HTML 5Page - Texas Instruments BQ51221YFPT Datasheet HTML 6Page - Texas Instruments BQ51221YFPT Datasheet HTML 7Page - Texas Instruments BQ51221YFPT Datasheet HTML 8Page - Texas Instruments BQ51221YFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
A1
PGND
A2
PGND
A3
PGND
A4
PGND
A5
PGND
A6
PGND
B1
AC1
B2
AC1
B3
AC1
B4
AC2
B5
AC2
B6
AC2
C1
BOOT1
C2
RECT
C3
RECT
C4
RECT
C5
RECT
C6
BOOT2
D1
OUT
D2
OUT
D3
OUT
D4
OUT
D5
OUT
D6
OUT
E1
CLAMP1
E2
AD
E3
/AD_EN
E4
SCL
E5
VIREG
E6
CLAMP2
F1
COMM1
F2
FOD
F3
LPRBEN
TERM
F4
SDA
F5
LPRB1
WPG
F6
COMM2
G1
VO_REG
G2
ILIM
G3
CM_ILIM
G4
TS/CTRL
G5
TMEM
G6
LPRB2
PD_DET
bq51221
www.ti.com
SLUSBS9A – FEBRUARY 2014 – REVISED JULY 2014
6 Device Comparison Table
Device
Mode
More
bq51221
Dual (WPC v1.1, PMA)
Adjustable output voltage, highest system efficiency, I2C
bq51021
WPC v1.1
Adjustable output voltage, highest system efficiency, I2C
bq51020
WPC v1.1
Adjustable output voltage, highest system efficiency, standalone
7 Pin Configuration and Functions
YFP
42 Pins
(Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NUMBER
AC1
B1, B2, B3
I
AC input power from receiver resonant tank
AC2
B4, B5, B6
I
AD
E2
I
Adapter sense pin
AD-EN
E3
O
Push-pull driver for PFET that can pass AD input to the OUT pin; used for adapter mux control
BOOT1
C1
O
Bootstrap capacitors for driving the high-side FETs of the synchronous rectifier
BOOT2
C6
O
COMM1
F1
O
Open-drain FETs used to communicate with primary by varying reflected impedance
COMM2
F6
O
CLAMP1
E1
O
Open-drain FETs used to clamp the secondary voltage by providing low impedance across
secondary
CLAMP2
E6
O
Enables or disables communication current limit; can be pulled high or low to disable or enable
CM_ILIM
G3
I
communication current limit
FOD
F2
I
Input that is used for scaling the received power message
ILIM
G2
I/O
Output current or overcurrent level programming pin
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq51221


Similar Part No. - BQ51221YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51222 TI1-BQ51222 Datasheet
215Kb / 8P
[Old version datasheet]   Single Chip Wireless Power Receiver
BQ51222YFPR TI1-BQ51222YFPR Datasheet
215Kb / 8P
[Old version datasheet]   Single Chip Wireless Power Receiver
BQ51222YFPT TI1-BQ51222YFPT Datasheet
215Kb / 8P
[Old version datasheet]   Single Chip Wireless Power Receiver
More results

Similar Description - BQ51221YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51222 TI1-BQ51222 Datasheet
215Kb / 8P
[Old version datasheet]   Single Chip Wireless Power Receiver
BQ51020 TI1-BQ51020 Datasheet
1Mb / 45P
[Old version datasheet]   Single-Chip Wireless Power Receiver
BQ51025 TI1-BQ51025 Datasheet
1Mb / 49P
[Old version datasheet]   Compliant Single Chip Wireless Power Receiver
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
   Wireless Power Receiver
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
   Wireless Power Receiver
July 2021 Rev. 0.0.7
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
   Wireless Power Receiver
logo
Cynergy3 Co
IWR-1 CYNERGY3-IWR-1 Datasheet
263Kb / 1P
   Single Channel Wireless Receiver
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
logo
Rohm
BD57015GWL ROHM-BD57015GWL Datasheet
3Mb / 69P
   Wireless Power Receiver IC
BD57011AGWL ROHM-BD57011AGWL Datasheet
2Mb / 24P
   Wireless Power Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com