Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4845S-A4TRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4845S-A4TRG4
Description  Parallel RTC With CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4845S-A4TRG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ4845S-A4TRG4 Datasheet HTML 1Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 2Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 3Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 4Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 5Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 6Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 7Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 8Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
® Real-Time Clock counts seconds
through years in BCD format
® On-chip battery-backup switchover
circuit with nonvolatile control for
external SRAM
® Less than 500nA of clock opera-
tion current in backup mode
® Microprocessor reset valid to
VCC =VSS
® Independent watchdog timer
with a programmable time-out
period
® Power-fail interrupt warning
® Programmable clock alarm inter-
rupt active in battery-backup
mode
® Programmable periodic interrupt
® Battery-low warning
General Description
The bq4845 Real-Time Clock is a
low-power microprocessor periph-
eral that integrates a time-of-day
clock, a 100-year calendar, and a
CPU supervisor in a 28-pin SOIC or
DIP. The bq4845 is ideal for fax ma-
chines, copiers, industrial control
systems, point-of-sale terminals,
data loggers, and computers.
The bq4845 provides direct connec-
tions for a 32.768KHz quartz crystal
and a 3V backup battery. Through
the use of the conditional chip en-
able output (CEOUT) and battery
voltage output (VOUT) pins, the
bq4845 can write-protect and make
nonvolatile external SRAMs. The
backup cell powers the real-time
clock and maintains SRAM infor-
mation in the absence of system
voltage.
The bq4845 contains a temperature-
compensated reference and comparator
circuit that monitors the status of its
voltage supply. When the bq4845 de-
tects an out-of-tolerance condition, it
generates an interrupt warning and
subsequently a microprocessor reset.
The reset stays active for 200ms after
VCC rises within tolerance, to allow for
power supply and processor stabiliza-
tion.
The bq4845 also has a built-in
watchdog timer to monitor processor
operation. If the microprocessor does
not toggle the watchdog input (WDI)
within the programmed time-out pe-
riod, the bq4845 asserts WDO and
RST. WDI unconnected disables the
watchdog timer.
The bq4845 can generate other in-
terrupts based on a clock alarm con-
dition or a periodic setting. The
alarm interrupt can be set to occur
from once per second to once per
month. The alarm can be made active
in the battery-backup mode to serve
as a system wake-up call. For inter-
rupts at a rate beyond once per sec-
ond, the periodic interrupt can be pro-
grammed with periods of 30.5
µsto
500ms.
1
Aug. 1995
1
PN484501.eps
28-DIP or SOIC
2
3
4
5
6
7
8
28
27
26
25
24
23
22
21
9
10
20
19
11
12
18
17
13
14
VCC
WE
CEIN
CEOUT
BC
WDI
OE
CS
VSS
DQ7
DQ8
DQ5
DQ4
DQ3
16
15
VOUT
X1
X2
WDO
INT
RST
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
Pin Connections
A0–A3
Clock/control address
inputs
DQ0–DQ7
Data inputs/outputs
WE
Write enable
OE
Output enable
CS
Chip select input
CEIN
External RAM chip
enable
CEOUT
Conditional RAM chip
enable
X1–X2
Crystal inputs
Pin Names
BC
Backup battery input
VOUT
Back-up battery output
INT
Interrupt output
RST
Microprocessor reset
WDI
Watchdog input
WDO
Watchdog output
VCC
+5V supply
VSS
Ground
bq4845/bq4845Y
Parallel RTC With CPU Supervisor


Similar Part No. - BQ4845S-A4TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845S-A4TRG4 TI-BQ4845S-A4TRG4 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845S-A4TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com