Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771800 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ771800
Description  Internal Delay Timer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771800 Datasheet(HTML) 1 Page - Texas Instruments

  BQ771800 Datasheet HTML 1Page - Texas Instruments BQ771800 Datasheet HTML 2Page - Texas Instruments BQ771800 Datasheet HTML 3Page - Texas Instruments BQ771800 Datasheet HTML 4Page - Texas Instruments BQ771800 Datasheet HTML 5Page - Texas Instruments BQ771800 Datasheet HTML 6Page - Texas Instruments BQ771800 Datasheet HTML 7Page - Texas Instruments BQ771800 Datasheet HTML 8Page - Texas Instruments BQ771800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq771800, bq771801, bq771802
bq771803, bq771807, bq771808
bq771809, bq771815
SLUSAX1D – DECEMBER 2012 – REVISED NOVEMBER 2014
bq7718xy Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries
with Internal Delay Timer
1 Features
3 Description
The
bq7718xy
family
of
products
provides
an
1
2-, 3-, 4-, and 5-Series Cell Overvoltage
overvoltage monitor and protector for Li-Ion battery
Protection
pack systems. Each cell is monitored independently
Internal Delay Timer
for an overvoltage condition. For quicker production-
Fixed OVP Threshold
line
testing,
the
bq7718xy
device
provides
a
Customer Test Mode (CTM) with greatly reduced
High-Accuracy Overvoltage Protection:
delay time.
± 10 mV
In the bq7718xy device, an internal delay timer is
Low Power Consumption ICC ≈ 1 µA
initiated upon detection of an overvoltage condition
(VCELL(ALL) < VPROTECT)
on any cell. Upon expiration of the delay timer, the
Low Leakage Current Per Cell Input < 100 nA
output is triggered into its active state (either high or
Small Package Footprint
low depending on the configuration).
8-pin QFN (3.00 mm × 4.00 mm)
Device Information Table(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
bq771800
QFN (8)
3.00 mm × 4.00 mm
Protection in Li-Ion Battery Packs in:
(1) For all available packages, see the orderable addendum at
Power Tools
the end of the data sheet and the Device Comparison Table.
UPS Battery Backup
Light Electric Vehicles (eBike, eScooter, Pedal
Assist Bicycles)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - BQ771800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI1-BQ771800 Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI1-BQ771800 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771800

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
   OFF DELAY TIMER
logo
Panasonic Semiconductor
MN103SJ9 PANASONIC-MN103SJ9 Datasheet
320Kb / 3P
   30 internal interrupts: Watchdog timer. Timer
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Littelfuse
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
   Delay-on-Make Timer
2016 Rev: 1-A-062116
logo
LSI Computer Systems
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com