Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78350 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350
Description  Battery Management Controller Companion
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350 Datasheet(HTML) 5 Page - Texas Instruments

  BQ78350 Datasheet HTML 1Page - Texas Instruments BQ78350 Datasheet HTML 2Page - Texas Instruments BQ78350 Datasheet HTML 3Page - Texas Instruments BQ78350 Datasheet HTML 4Page - Texas Instruments BQ78350 Datasheet HTML 5Page - Texas Instruments BQ78350 Datasheet HTML 6Page - Texas Instruments BQ78350 Datasheet HTML 7Page - Texas Instruments BQ78350 Datasheet HTML 8Page - Texas Instruments BQ78350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
bq78350
www.ti.com
SLUSB48 – JULY 2014
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
15
PWRM
O
Power mode state indicator open drain output
LED1/LCD1 display segment that drives an external LED/LCD, depending on the firmware
16
LED1
O
configuration
LED2/LCD2 display segment that drives an external LED/LCD, depending on the firmware
17
LED2
O
configuration
LED3/LCD3 display segment that drives an external LED/LCD, depending on the firmware
18
LED3
O
configuration
LED4/LCD4 display segment that drives an external LED/LCD, depending on the firmware
19
LED4
O
configuration
LED5/LCD5 display segment that drives an external LED/LCD, depending on the firmware
20
LED5
O
configuration
21
GPIO A
I/O
Configurable Input or Output. If not used, tie to VSS.
22
VSS
Negative supply voltage
23
VSS
Negative supply voltage
Master reset input that forces the device into reset when held low. This pin must be held high for
24
MRST
I
normal operation.
25
VSS
Negative supply voltage
26
VCC
P
Positive supply voltage
RAM backup input. Connect a capacitor to this pin and VSS to protect loss of RAM data in case of
27
RBI
P
short circuit condition.
28
GPIO B
I/O
Configurable Input or Output. If not used, tie to VSS.
29
ADREN
O
Optional digital signal enables address detection measurement to reduce power consumption.
30
SMBA
IA
Optional SMBus address detection input
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq78350
Not Recommended for New Designs


Similar Part No. - BQ78350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
[Old version datasheet]   BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ78350DBT-R1 TI1-BQ78350DBT-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350DBT-R1A TI1-BQ78350DBT-R1A Datasheet
590Kb / 26P
[Old version datasheet]   BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ78350DBTR-R1 TI1-BQ78350DBTR-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
More results

Similar Description - BQ78350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
[Old version datasheet]   BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
   Digital Signal Controller Battery chargers and management
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
[Old version datasheet]   ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
   Geode??CS9210 Graphics Companion DSTN Controller
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com